| 전자부품 데이터시트 검색엔진 |
|
LPC1786 데이터시트(PDF) 12 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1786 데이터시트(HTML) 12 Page - NXP Semiconductors |
|
12 / 117 page ![]() LPC178X_7X All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Objective data sheet Rev. 2 — 27 May 2011 12 of 117 NXP Semiconductors LPC178x/7x 32-bit ARM Cortex-M3 microcontroller P0[8] 160 A15 C12 111 [4] I; IA I/O P0[8] — General purpose digital input/output pin. I/O I2S_TX_WS — I2S Transmit word select. It is driven by the master and received by the slave. Corresponds to the signal WS in the I2S-bus specification. I/O SSP1_MISO — Master In Slave Out for SSP1. O T2_MAT2 — Match output for Timer 2, channel 2. I RTC_EV1 — Event input 1 to Event Monitor/Recorder. - R — Function reserved. - R — Function reserved. O LCD_VD[16] — LCD data. P0[9] 158 C14 A13 109 [4] I; IA I/O P0[9] — General purpose digital input/output pin. I/O I2S_TX_SDA — I2S transmit data. It is driven by the transmitter and read by the receiver. Corresponds to the signal SD in the I2S-bus specification. I/O SSP1_MOSI — Master Out Slave In for SSP1. O T2_MAT3 — Match output for Timer 2, channel 3. I RTC_EV2 — Event input 2 to Event Monitor/Recorder. - R — Function reserved. - R — Function reserved. O LCD_VD[17] — LCD data. P0[10] 98 T15 L10 69 [3] I; PU I/O P0[10] — General purpose digital input/output pin. O U2_TXD — Transmitter output for UART2. I/O I2C2_SDA — I2C2 data input/output (this pin does not use a specialized I2C pad). O T3_MAT0 — Match output for Timer 3, channel 0. - R — Function reserved. - R — Function reserved. - R — Function reserved. O LCD_VD[5] — LCD data. Table 3. Pin description …continued Not all functions are available on all parts. See Table 2 (Ethernet, USB, LCD, QEI, SD/MMC, DAC pins) and Table 7 (EMC pins). Symbol Description |