전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SD101BWS 데이터시트(PDF) 1 Page - Micro Commercial Components

부품명 SD101BWS
상세설명  Small Signal Schottky Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MCC [Micro Commercial Components]
홈페이지  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

SD101BWS 데이터시트(HTML) 1 Page - Micro Commercial Components

  SD101BWS Datasheet HTML 1Page - Micro Commercial Components SD101BWS Datasheet HTML 2Page - Micro Commercial Components SD101BWS Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Low Reverse Recovery Time
Low Reverse Capacitance
Low Forward Voltage Drop
Mechanical Data
Maximum Ratings @ 25
oC Unless Otherwise Specified
Characteristic
Symbol
SD101AWS SD101BWS SD101CWS
Peak Repetitive Reverse Voltage
VRRM
Working Peak Reverse Voltage
VRWM
60V
50V
40V
DC Blocking Voltage
VR
RMS Reverse Voltage
VR(RMS)
42V
35V
28V
Maximum sigle cycle surge 10us
square wave
IFSM
Power Dissipation(Note 1)
Pd
Thermal Resistance, Junction to
Ambient
R
Operating Junction Temp. Range
Tj
Storage Temp. Range
TSTG
-55 to +150
o
C
650°C/W
400mW
2.0A
Electrical Characteristics @ 25
oC Unless Otherwise Specified
Charateristic
Symbol
Max
Test Condition
Leakage Current
SD101AWS
SD101BWS
SD101CWS
IR
200nA
200nA
200nA
VR=50V
VR=40V
VR=30V
Maximum Forward SD101AWS
Voltage Drop
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
VF
0.41V
0.4V
.39V
1V
0.95V
0.9V
IF=1mA
IF=15mA
Junction Cap. SD101AWS
SD101BWS
SD101CWS
C j
2.0pF
2.1pF
2.2pF
VR=0V, f=1.0MHz
Reverse Recovery Time
trr
1ns
IF=IR=5mA, recover
to 0.1I R
SD101AWS
THRU
SD101CWS
Small Signal
Schottky Diodes
www.mccsemi.com
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.090
.107
2.30
2.70
B
.063
.071
1.60
1.80
C
.045
.053
1.15
1.35
D
.031
.045
0.80
1.15
E
.010
.016
0.25
0.40
G
.004
.018
0.10
0.45
H
.004
.010
0.10
0.25
J
-----
.006
-----
0.15
A
B
E
C
J
D
H
G
SOD-323
0.022”
0.074"
0.027”
SUGGESTED SOLDER
PAD LAYOUT
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
MCC
Revision: A
2011/01/01
TM
Micro Commercial Components
Marking : SD101AWS---S1 ; SD101BWS---S2; SD101CWS---S3
Polarity: Indicated by Cathode Band
1 of 3
Guard Ring Construction for Transient Protection
-55 to +125
o
C
Features
Lead Free Finish/RoHS Compliant("P" Suffix
designates RoHS Compliant. See ordering information)
Note: 1
Valid provided that electrodes are kept at ambient temperature
Epoxy meets UL 94 V-0 flammability rating
Moisture Sensitivity Level 1


유사한 부품 번호 - SD101BWS

제조업체부품명데이터시트상세설명
logo
Diodes Incorporated
SD101BWS DIODES-SD101BWS Datasheet
60Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
logo
Won-Top Electronics
SD101BWS WTE-SD101BWS Datasheet
46Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD101BWS BILIN-SD101BWS Datasheet
156Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
SD101BWS KEXIN-SD101BWS Datasheet
36Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
SEMTECH ELECTRONICS LTD...
SD101BWS SEMTECH_ELEC-SD101BWS Datasheet
222Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

유사한 설명 - SD101BWS

제조업체부품명데이터시트상세설명
logo
Micro Commercial Compon...
BAT86 MCC-BAT86 Datasheet
159Kb / 1P
SMALL SIGNAL SCHOTTKY DIODES
SD103A MCC-SD103A Datasheet
121Kb / 3P
Small Signal Schottky Diodes
logo
Galaxy Semi-Conductor H...
LL5712 BILIN-LL5712 Datasheet
61Kb / 3P
SMALL SIGNAL SCHOTTKY DIODES
logo
Vishay Siliconix
BAT42W-V VISHAY-BAT42W-V_10 Datasheet
63Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
SD101AW-V VISHAY-SD101AW-V_10 Datasheet
61Kb / 4P
Small Signal Schottky Diodes
05-Aug-10
BAS281 VISHAY-BAS281_12 Datasheet
175Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
BAT81S VISHAY-BAT81S_12 Datasheet
106Kb / 4P
Small Signal Schottky Diodes
23-Jul-10
logo
Comchip Technology
CDBH3-00340-G COMCHIP-CDBH3-00340-G Datasheet
67Kb / 2P
Small Signal Schottky Diodes
CDBV3-54 COMCHIP-CDBV3-54_12 Datasheet
103Kb / 4P
Small Signal Schottky Diodes
logo
STMicroelectronics
TMMBAT48FILM STMICROELECTRONICS-TMMBAT48FILM Datasheet
67Kb / 5P
SMALL SIGNAL SCHOTTKY DIODES
Aug-1999
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com