전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LS013B4DN02 데이터시트(PDF) 16 Page - Sharp Corporation

부품명 LS013B4DN02
상세설명  TECHNICAL LITERATURE For TFT-LCD Module
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SHARP [Sharp Corporation]
홈페이지  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LS013B4DN02 데이터시트(HTML) 16 Page - Sharp Corporation

Back Button LS013B4DN02 Datasheet HTML 12Page - Sharp Corporation LS013B4DN02 Datasheet HTML 13Page - Sharp Corporation LS013B4DN02 Datasheet HTML 14Page - Sharp Corporation LS013B4DN02 Datasheet HTML 15Page - Sharp Corporation LS013B4DN02 Datasheet HTML 16Page - Sharp Corporation LS013B4DN02 Datasheet HTML 17Page - Sharp Corporation LS013B4DN02 Datasheet HTML 18Page - Sharp Corporation LS013B4DN02 Datasheet HTML 19Page - Sharp Corporation LS013B4DN02 Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
SPEC No.
LCY-12T09303B
MODEL No.
LS013B4DN02
PAGE
15
6-5) Input Signal Timing Chart
6-5-1 Data update mode (1 line)
Updates data of only one specified line. (M0=”H”、M2=”L”)
SCS
SI
M0 M1 M2 DMYDMYDMYDMYDMYAG0 AG1 AG2 AG3 AG4 AG5 AG6 DMY D1 D2 D3 D4
D93 D94 D95 D96
DUMMY DATA(don't care)
SCLK
tsSI
thSI
tsSCS
Data writing period
(96ck)
Data transfer period
(16ck)
Mode selection period
(3ck+5ckDMY)
twSCLKH
twSCLKL
twSCSH
Gate line address period
(7ck+1ckDMY)
thSCS
twSCSL
M0: Mode flag. Set for “H”. Data update mode (Memory internal data update)
When “L”, display mode (maintain memory internal data).
M1: Frame inversion flag.
When “H”, outputs VCOM=”H”, and when “L”, outputs VCOM=”L”.
When EXTMODE=”H”, it can be “H” or “L”.
M2: All clear flag.
Refer to 6-5-4) All Clear Mode to execute clear.
DUMMY DATA: Dummy data. It can be “H” or “L” (“L” is recommended.)
※
Data write period
Data is being stored in 1
st latch block of binary driver on panel.
※
Data transfer period
Data written in 1
st latch is being transferred (written) to pixel internal memory circuit.
※
For gate line address setting, refer to 6-6) Input Signal and Display.
※
M1: Frame inversion fl is enaled when EXTMODE=”L”.
※
When SCS becomes L , M0 and M2 are cleared.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com