| 전자부품 데이터시트 검색엔진 |
|
LS027B7DH01 데이터시트(PDF) 28 Page - Sharp Corporation |
|
|
|||||||||||||||||||||||||||||
LS027B7DH01 데이터시트(HTML) 28 Page - Sharp Corporation |
|
28 / 32 page ![]() SPEC No. LCY-1210401A MODEL No. LS027B7DH01 PAGE 25 10. External Power Supply Circuit An external power supply circuit is necessary to drive the memory LCD with 3V battery. Table 10-1 shows recommended power supply IC> Table 10-1 Vendor Model No. Note SII S-8821 Charge pump type National Semiconductor LM2750 Charge pump type 【 Remark 10-1】For detailed specification, refer to specification for each power supply IC. 【 Remark 10-2】To use, set constant value after sufficient evaluation of actual application. Electrical Characteristics Table 10-2 Vin [V] Vout Model No. min max min typ max Iout [A] S-8821 2.8 5.0 4.9 5.0 5.1 0.04 LM2750 2.7 5.6 4.8 5.0 5.2 0.04 【 Remark 10-3】For detailed specification, refer to specification for each power supply IC. 【 Remark 10-4】To use, set constant value after sufficient evaluation of actual application. Reference Circuit Reference circuit is shown below. S-8821 LM2750 |