전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

1N4154 데이터시트(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

부품명 1N4154
상세설명  SMALL SIGNAL SWITCHING DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BILIN [Galaxy Semi-Conductor Holdings Limited]
홈페이지  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

1N4154 데이터시트(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  1N4154 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 1N4154 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 1N4154 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
www.galaxycn.com
BL
BLGALAXY ELECTRICAL
Document Number 0268041
1.
FEATURES
Silicon epitaxial planar diode
High speed switching diode
500 mW power dissipation
Weight: 0.004 ounces, 0.13 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified.
MAXIMUM RATINGS
UNITS
Reverse voltage
VR
V
Peak reverse voltage
VRM
V
Average forw ard rectified current
half w ave rectification w ith resistive load
VR=0V
Forw ard surge current @ tP=1
µ s
IFSM
A
Pow er dissipation
@ T
A=25
Ptot
mW
Junction temperature
TJ
Storage temperature range
TSTG
ELECTRICAL CHARACTERISTICS
UNITS
Forw ard voltage @ I
F=30mA
VF
V
Leakage current
@ V
R=25V
IR
nA
@ V
R=25V
T
J=150
IR
μA
Capacitance
@ V
R=0V,f=1MH
z,VHF=50mV
CJ
pF
Reverse breakdo
wn voltage
tested with 5μA pulses
Reverse recovery time
from I
F=10mA to IR=10mA to IR=1mA
ns
from I
F=10mA to IR=1mA, VR=6V. RL=100Ω.
ns
Thermal resistance junction to ambient
RθJA
K/W
Rectification efficiency @ 100MHz,V
RF=2V
ηv
-
GALAXY ELECTRICAL
trr
-
-
MIN
TYP
1501)
175
-55 --- +175
1)Valid prov ided that leads at a distance of 8 mm f rom case are kept at ambient temperature.
4
2
V(BR)R
35
-
-
0.45
-
-
5001)
MAX
4.0
-
-
-
-
IF(AV)
2.0
5001)
mA
-
-
1
.0
-
1N4154
MECHANICAL DATA
SMALL SIGNAL SWITCHING DIODE
Case: DO-35,glass case
REVERSE VOLTAGE : 25 V
CURRENT: 0.15 A
Polarity: Color band denotes cathode
DO-35
1)Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
-
100
100
V
1N
415
4
25
35
Dimensions in millimeters


유사한 부품 번호 - 1N4154

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
1N4154 VISHAY-1N4154 Datasheet
39Kb / 4P
Silicon Epitaxial Planar Diode
16-Feb-07
logo
Semtech Corporation
1N4154 SEMTECH-1N4154 Datasheet
88Kb / 1P
SILICON EPITAXIAL PLANAR DIODE
logo
Fairchild Semiconductor
1N4154 FAIRCHILD-1N4154 Datasheet
129Kb / 5P
High Conductance Fast Diode
logo
Shanghai Lunsure Electr...
1N4154 CHENYI-1N4154 Datasheet
47Kb / 1P
SMALL SIGNAL SWITCHING DIODE
logo
Dc Components
1N4154 DCCOM-1N4154 Datasheet
180Kb / 2P
TECHNICAL SPECIFICATIONS OF HIGH SPEED SWITCHING DIODES
More results

유사한 설명 - 1N4154

제조업체부품명데이터시트상세설명
logo
Shanghai Lunsure Electr...
1N4148 CHENYI-1N4148 Datasheet
188Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Micro Commercial Compon...
MMBD6050 MCC-MMBD6050 Datasheet
170Kb / 3P
Small-Signal Switching Diode
logo
Leshan Radio Company
LSD2004LT1 LRC-LSD2004LT1 Datasheet
39Kb / 2P
Small-Signal Switching Diode
logo
Comchip Technology
CDSV6-99SD-G COMCHIP-CDSV6-99SD-G Datasheet
508Kb / 2P
Small-Signal Switching Diode
logo
Galaxy Semi-Conductor H...
BAV17 BILIN-BAV17 Datasheet
101Kb / 2P
SMALL SIGNAL SWITCHING DIODE
1SS141 BILIN-1SS141 Datasheet
54Kb / 1P
SMALL SIGNAL SWITCHING DIODE
LL4151 BILIN-LL4151 Datasheet
121Kb / 3P
SMALL SIGNAL SWITCHING DIODE
logo
Vishay Siliconix
1N4150W-V VISHAY-1N4150W-V Datasheet
122Kb / 4P
Small Signal Switching Diode
21-Jul-05
BA604 VISHAY-BA604_08 Datasheet
224Kb / 4P
Small Signal Switching Diode
26-Jul-06
logo
Kwang Myoung I.S. CO.,L...
1SS244 KISEMICONDUCTOR-1SS244 Datasheet
98Kb / 2P
SMALL SIGNAL SWITCHING DIODE
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com