전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MS6544 데이터시트(PDF) 4 Page - MOSA ELECTRONICS

부품명 MS6544
상세설명  Stereo Headphone Driver, 0dB / 6dB Gain Low Voltage, Internal Mute Function No Popping Noise When Power On / Off
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSA [MOSA ELECTRONICS]
홈페이지  http://www.mosanalog.com
Logo MOSA - MOSA ELECTRONICS

MS6544 데이터시트(HTML) 4 Page - MOSA ELECTRONICS

  MS6544_1 Datasheet HTML 1Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 2Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 3Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 4Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 5Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 6Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 7Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 8Page - MOSA ELECTRONICS MS6544_1 Datasheet HTML 9Page - MOSA ELECTRONICS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MOSA
MS6544/6541
Class AB Stereo Headphone Driver with Mute
REV 2
4/9
www.mosanalog.com
2.7V ELECTRICAL CHARACTERISTICS
(Ta=25℃, VDD=2.7V, VSS=0V, Vo=2Vpp, f=1kHz, AV=1, RL=32; unless otherwise specified)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
DC Characteristics
Mute On
-
1.2
1.3
mA
IQ
Quiescent current
Vo=0Vpp
2 channels
Mute Off
-
3.0
3.2
mA
Mute on
0
-
1
V
VTM
Mute control voltage
Mute off
2.5
-
VDD
V
PSRR
Power supply rejection ratio
Vripple = -20dBV, 100Hz
57
60
-
dB
CS
Channel separation
Vo=-3dBV
100
112
-
dB
ATT
Mute attenuation
Vo=-3dBV
100
115
-
dB
AC Characteristics
S/N
Signal-to-noise
Vo=2Vpp
92
96
-
dB
THD+N
Total harmonic distortion
plus noise
Vo=2Vpp
-
-64
-62
dB
Po
Maximum output power
(THD+N/S)<0.1%, 2 ch
28
31
-
mW
VO
Maximum output voltage swing
(THD+N)/S<0.1%
1.9
2
-
Vpp



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com