| 전자부품 데이터시트 검색엔진 |
|
ML-B 데이터시트(PDF) 5 Page - Cree, Inc |
|
|
|||||||||||||||||||||||||||||
ML-B 데이터시트(HTML) 5 Page - Cree, Inc |
|
5 / 10 page ![]() Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks of Cree, Inc. 5 XLAMP ML-B LEDS THERMAL DESIGN The maximum forward current is determined by the thermal resistance between the LED junction and ambient. It is crucial for the end product to be designed in a manner that minimizes the thermal resistance from the solder point to ambient in order to optimize lamp life and optical characteristics. TYPICAL SPATIAL DISTRIBUTION 0 20 40 60 80 100 120 140 160 180 200 0 25 50 75 100 125 150 Ambient Temperature (ºC) Rj-a = 30 °C/W Rj-a = 40 °C/W Rj-a = 50 °C/W Rj-a = 60 °C/W 0 20 40 60 80 100 120 -90 -70 -50 -30 -10 10 30 50 70 90 Angle (º) |