전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC602LP4 데이터시트(PDF) 2 Page - Hittite Microwave Corporation

부품명 HMC602LP4
상세설명  70 dB, LOGARITHMIC DETECTOR / CONTROLLER, 1 - 8000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC602LP4 데이터시트(HTML) 2 Page - Hittite Microwave Corporation

  HMC602LP4 Datasheet HTML 1Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC602LP4 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
12
12 - 19
Electrical Specifications, (continued)
Parameter
Condition
Vcc1, Vcc2, Vcc3
+5V
Input Zo
50Ω
T
A
+25C
Fin
900 MHz
Test Conditions
Unless otherwise noted: Vcc1, Vcc2, Vcc3 = +5V, TA = +25C
LOGOUT Voltage & Error
vs. Input Power, Fin = 100 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 1900 MHz
LOGOUT Voltage & Error
vs. Input Power, Fin = 900 MHz
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
LOGOUT Voltage & Error
vs. Input Power, Fin = 50 MHz
0.2
0.8
1.4
2
2.6
-4
-2
0
2
4
-70
-60
-50
-40
-30
-20
-10
0
10
ERR +25C
ERR +85C
ERR -40C
Ideal
LOGOUT +25C
LOGOUT +85C
LOGOUT -40C
INPUT POWER (dBm)
Parameter
Conditions
Min.
Typ.
Max.
Units
Open Loop Corner Frequency
700
kHz
Power Down (EN) Interface
Voltage Range for Normal Mode
0.8 x Vcc [4]
Vcc [4]
V
Voltage Range for Powerdown Mode
0
0.2 x Vcc [4]
V
Threshold Voltage
Vcc [4]/2
V
Power Supply (Vcc1, Vcc2, Vcc3)
Operating Voltage Range
4.5
5.5
V
Supply Current in Normal Mode
113
mA
Supply Current in Power Down Mode
1mA
[4] Vcc= Vcc1= Vcc2= Vcc3= +5V
HMC602LP4 / 602LP4E
v03.0209
70 dB, LOGARITHMIC
DETECTOR / CONTROLLER, 1 - 8000 MHz



Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com