전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HMC707LP5E 데이터시트(PDF) 9 Page - Hittite Microwave Corporation

부품명 HMC707LP5E
상세설명  0.5 dB LSB 6-BIT DIGITAL VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HITTITE [Hittite Microwave Corporation]
홈페이지  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC707LP5E 데이터시트(HTML) 9 Page - Hittite Microwave Corporation

Back Button HMC707LP5E Datasheet HTML 4Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 5Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 6Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 7Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 8Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 9Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 10Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 11Page - Hittite Microwave Corporation HMC707LP5E Datasheet HTML 12Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
12 - 9
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
12
HMC707LP5 / 707LP5E
v04.0409
0.5 dB LSB 6-BIT DIGITAL
VARIABLE GAIN AMPLIFIER, 700 - 1200 MHz
Pin Descriptions
pin number
function
description
interface schematic
1
rfin
rf input to the first amplifier (amp1)
this pin is matched to 50 Ohms.
2, 3, 21,
30, 32
n/C
no connection necessary. these pins may be connected to
rf/dC ground without affecting performance.
4
res
this pin is used to set the dC current of the first amplifier by
selection of external bias resistor. see application circuit.
5
serOUt
serial input data delayed by 6 clock cycles.
7, 6
pUp1, pUp2
see truth table, control voltage
table and timing diagram.
9 - 14
d0 - d5
8
Vdd1
supply voltage
15
p/s
see truth table, control voltage
table and timing diagram.
16
ClK
17
serin
18
le
19, 23, 25,
26, 28
gnd
these pins and package bottom
must be connected to rf/dC ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com