전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMBB003DB2 데이터시트(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd.

부품명 SMBB003DB2
상세설명  COAXIAL CONNECTORS
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  JAE [Japan Aviation Electronics Industry, Ltd.]
홈페이지  http://www.jae.com
Logo JAE - Japan Aviation Electronics Industry, Ltd.

SMBB003DB2 데이터시트(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd.

  SMBB003DB2 Datasheet HTML 1Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 2Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 3Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 4Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 5Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 6Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 7Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 8Page - Japan Aviation Electronics Industry, Ltd. SMBB003DB2 Datasheet HTML 9Page - Japan Aviation Electronics Industry, Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
19
COAXIAL CONNECTORS
SMB Series
■ FREQUENCY RANGE TO 3GHz
■ PUSH-ON COUPLING
SMB
Series
SMB series coaxial connectors are small size, push-on coupling type,
basis of the general purpose standards
(IEC60169-10).
For panel to cable or board to cable application, achieving high
frequency signal transmission and high density packaging inside
equipment. Applicable frequencies : from DC up to 3GHz.
High performance with a VSWR
(voltage standing wave ratio)of 1.2
or less
(Straight plug).
●Lightweight, compact in size and rugged construction.
●A high degree of reliability provides stable electric continuity and
high frequency performance.
●Reliable and stable interconnection.
●Applications : Automobile Telephone, Communications Equipment,
Measuring Instruments
In addition to independent cable application type, we also harness
products which satisfy your specification are available. Refer to
pages 109 to 111 for details.
■Guide to Operation Manuals
When using any of these products, please confirm the following
operation manuals.
・For 1.5D-V and 1.5D-W cables : JAHL-2237-1
・For 0.085 inch
Semi-flexible cables
: JAHL-2237-2
■SPECIFICATIONS
Characteristic Impedance
50Ω
DC to 3GHz
AC500Vr.m.s.(1minute)
500 megohms min.(DC250V)
SMBS001D00 : 500 megohms min.(DC500V)
Center Contacts : 5 milliohms max.
SMBS001D00 : 8 milliohms max.
Outer Contacts : 2.5 milliohms max.
SMBS001D00 : 12 milliohms max.
1.2 max.(DC to 3GHz)
1.5D-V, 1.5D-W, UT85
Frequency Range
D. W. Voltage
Insulation Resistance
Contact Resistance
V. S. W. R.
Applicable Cables
■MATERIALS/FINISHES
Description
Materials/Finishes
Copper Alloy/Gold Plated over Nickel
PTFE or SPS
Copper Alloy/Nickel Plated
SMBH003DB2, SMBK003DB2,
SMBA003DB2 :
Copper Alloy/Gold Plated over Nickel
SMBS001D00 :
Zinc Alloy/Nickel Plated over Copper
Contacts
Insulator
Shell
Ferrule
Copper Alloy/Nickel Plated
Hexagon Nut
Copper Alloy/Nickel Plated
C-ring
Copper Alloy/Nickel Plated
Sleeve
Copper Alloy/Nickel Plated



Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com