| 전자부품 데이터시트 검색엔진 |
|
082-8113-404 데이터시트(PDF) 8 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
082-8113-404 데이터시트(HTML) 8 Page - Magnetrol International, Inc. |
|
8 / 24 page ![]() 50-613 Kotron Series 82 CE RF Level Transmitter 5 10. Tighten both socket head screws on the clamp to approxi- mately 35 in./lbs of torque. Slip the Mylar insulator over the clamp. 11. Screw the transmitter onto the probe until hand tight. The housing can be wrench-tightened to align the conduit connection with the conduit. Refer to Figure 2 on page 3. 1.5.2.1 Integral Electronics 1. Remove the housing cover. Locate the white wire which is fastened to the (+) probe terminal. Connect the free end of this wire to the probe connection screw. 2. Proceed to Wiring, Section 1.6. 1.5.2.2 Remote Electronics 1. Remove the probe housing cover. Connect the positive lead of the interconnection cable (supplied by Magnetrol), to the screw terminal at the top of the probe. Connect the negative lead to the green ground screw at the base of the housing. Cut the shield; do not connect it at probe end. Refer to Figure 4 on page 4. 2. Install the transmitter housing using the bracket (supplied by Magnetrol). Make sure to provide adequate clearance to remove the housing cover. Refer to Figure 4 on page 4. 3. Remove the transmitter housing cover. Connect the positive lead of the interconnection cable to the (+) probe terminal. Connect the negative lead and shield to the (–) probe terminal. Refer to Figure 3 on page 3. 4. Proceed to Wiring, Section 1.6. |