전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

VSP5621 데이터시트(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
부품명 VSP5621
상세설명  16-Bit, 4-Channel, CCD/CMOS Sensor Analog Front-End with LED Driver
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI1 [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI1 - Texas Instruments

VSP5621 데이터시트(HTML) 13 Page - Texas Instruments

Back Button VSP5621 Datasheet HTML 9Page - Texas Instruments VSP5621 Datasheet HTML 10Page - Texas Instruments VSP5621 Datasheet HTML 11Page - Texas Instruments VSP5621 Datasheet HTML 12Page - Texas Instruments VSP5621 Datasheet HTML 13Page - Texas Instruments VSP5621 Datasheet HTML 14Page - Texas Instruments VSP5621 Datasheet HTML 15Page - Texas Instruments VSP5621 Datasheet HTML 16Page - Texas Instruments VSP5621 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 41 page
background image
R /2
(1)
L
R /2
(1)
L
Tx+
Tx-
V
OD
V
OC
V
OD(H)
V
OD(L)
t
LF
t
LR
100%
80%
0V
20%
0%
V
OC(PP)
0V
V
OC(SS)
V
OC(SS)
VSP5620
VSP5621
VSP5622
www.ti.com
SBES022
– JULY 2011
LVDS Output Voltage Specification
The test load and voltage definition for the LVDS outputs are shown in Figure 2.
(1) RL/2 = 49.9 Ω ± 1%
Figure 2. Test Load and Voltage Definition for LVDS Outputs
Copyright
© 2011, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Link(s): VSP5620 VSP5621 VSP5622



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com