전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

QXW 데이터시트(PDF) 1 Page - RUBYCON CORPORATION

부품명 QXW
상세설명  MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RUBYCON [RUBYCON CORPORATION]
홈페이지  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

QXW 데이터시트(HTML) 1 Page - RUBYCON CORPORATION

  QXW Datasheet HTML 1Page - RUBYCON CORPORATION QXW Datasheet HTML 2Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
QXW
SERIES
QXW
◆SPECIFICATIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current(MAX)
(tanδ)
Dissipation Factor(MAX)
Endurance
Items
Characteristics
−25∼+105℃
400∼450V.DC
±20%
(20℃,
120Hz)
I=3 CV
(After 5 minutes application of rated voltage)
Rated Voltage
tanδ
0.2
420,450
0.15
400
Leakage Current
Dissipation Factor
Capacitance Change
Within ±20% of the initial value.
Not more than 200% of the specified value.
Not more than the specified value.
After applying rated voltage with rated ripple current for 2000 hours at 105℃,
the capacitors shall meet the following requirements.
105℃ Ultra Miniaturized
◆FEATURES
Load Life : 105℃ 2000 hours.
Body diameter of φ10mm to φ18mm with high ripple current capability.
This series is one class smaller than the current KXW series.
RoHS compliance.
Rated Voltage
Z
(−25℃)
/Z
(20℃)
400∼450
8
(20℃,
120Hz)
(120Hz)
◆PART NUMBER
◆OPTION
□□□
Rated Voltage
QXW
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Rated Capacitance
Capacitance Tolerance
◆MULTIPLIER FOR RIPPLE CURRENT
(Hz)
Frequency
PET Sleeve
EFC
Code
Coefficient
60(50) 120
500
1k
10k≦
400∼450WV
0.8
1.00 1.25 1.40 1.50
 Frequency Coefficient
Low Temperature Stability
Impedance Ration(MAX)
I=(μA)
Leakage Current
Rated Capacitance
C=(μF)
Rated Voltage
V=(V)


유사한 부품 번호 - QXW

제조업체부품명데이터시트상세설명
logo
RUBYCON CORPORATION
QXW RUBYCON-QXW_15 Datasheet
152Kb / 2P
MINIATURE ALUMINUM ELECTROLYTIC CAPACITORS
More results

유사한 설명 - QXW

제조업체부품명데이터시트상세설명
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRE-SW NIC-NRE-SW Datasheet
134Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRSA NIC-NRSA Datasheet
168Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSH NIC-NRSH Datasheet
282Kb / 3P
Miniature Aluminum Electrolytic Capacitors
NRWP NIC-NRWP Datasheet
189Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRWX NIC-NRWX Datasheet
139Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NSRW NIC-NSRW Datasheet
137Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NSRZ NIC-NSRZ Datasheet
121Kb / 1P
Miniature Aluminum Electrolytic Capacitors
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com