전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

961 데이터시트(PDF) 16 Page - Magnetrol International, Inc.

부품명 961
상세설명  SIL Safety Manual for Echotel Model 961/962
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAGNETROL [Magnetrol International, Inc.]
홈페이지  http://www.magnetrol.com
Logo MAGNETROL - Magnetrol International, Inc.

961 데이터시트(HTML) 16 Page - Magnetrol International, Inc.

Back Button 961 Datasheet HTML 8Page - Magnetrol International, Inc. 961 Datasheet HTML 9Page - Magnetrol International, Inc. 961 Datasheet HTML 10Page - Magnetrol International, Inc. 961 Datasheet HTML 11Page - Magnetrol International, Inc. 961 Datasheet HTML 12Page - Magnetrol International, Inc. 961 Datasheet HTML 13Page - Magnetrol International, Inc. 961 Datasheet HTML 14Page - Magnetrol International, Inc. 961 Datasheet HTML 15Page - Magnetrol International, Inc. 961 Datasheet HTML 16Page - Magnetrol International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
BULLETIN: 51-650.0
EFFECTIVE: July 2010
Service Policy
Owners of Magnetrol controls may request the return of
a control or any part of a control for complete rebuilding
or replacement. They will be rebuilt or replaced promptly.
Controls returned under our service policy must be
returned by prepaid transportation. Magnetrol will repair
or replace the control at no cost to the purchaser (or
owner) other than transportation if:
1. Returned within the warranty period; and
2. The factory inspection finds the cause of the claim to
be covered under the warranty.
If the trouble is the result of conditions beyond our
control; or, is NOT covered by the warranty, there will be
charges for labor and the parts required to rebuild or
replace the equipment.
In some cases it may be expedient to ship replacement
parts; or, in extreme cases a complete new control, to
replace the original equipment before it is returned. If this
is desired, notify the factory of both the model and serial
numbers of the control to be replaced. In such cases, credit
for the materials returned will be determined on the basis
of the applicability of our warranty.
No claims for misapplication, labor, direct or consequential
damage will be allowed.
Return Material Procedure
So that we may efficiently process any materials that
are returned, it is essential that a “Return Material
Authorization” (RMA) number be obtained from the
factory prior to the material’s return. This is available
through Magnetrol’s local representative or by contacting
the factory. Please supply the following information:
1. Company Name
2. Description of Material
3. Serial Number
4. Reason for Return
5. Application
Any unit that was used in a process must be properly
cleaned in accordance with OSHA standards, before it is
returned to the factory.
A Material Safety Data Sheet (MSDS) must accompany
material that was used in any media.
All shipments returned to the factory must be by prepaid
transportation.
All replacements will be shipped F.O.B. factory.
ASSURED QUALITY & SERVICE COST LESS
• ANSI/ISA-84.00.01-2004 Part 3 (IEC 61511-3Mod)
“Functional Safety: Safety Instrumented Systems for the
Process Industry Sector–Part 3 Guidance for the
Determination of the Required Safety Integrity Levels–
Informative”
• ANSI/ISA-TR84.00.04 Part 1 (IEC 61511 Mod)
“Guideline on the Implementation of ANSI/ISA-
84.00.01-2004”
Disclaimer
The SIL values in this document are based on an FMEDA analysis using exida’s SILVER Tool. Magnetrol accepts
no liability whatsoever for the use of these numbers of for the correctness of the standards on which the general
calculation methods are based.
References
• ANSI/ISA-84.00.01-2004 Part 1 (IEC 61511-1Mod)
“Functional Safety: Safety Instrumented Systems for
the Process Industry Sector–Part 1 Hardware and
Software Requirements”
• ANSI/ISA-84.00.01-2004 Part 2 (IEC 61511-2Mod)
“Functional Safety: Safety Instrumented Systems for
the Process Industry Sector–Part 2 Guidelines for the
Application of ANSI/ISA84.00.01-2004 Part 1 (IEC
61511-1 Mod)–Informative”
5300 Belmont Road • Downers Grove, Illinois 60515-4499 • 630-969-4000 • Fax 630-969-9489 • www.magnetrol.com
145 Jardin Drive, Units 1 & 2 • Concord, Ontario Canada L4K 1X7 • 905-738-9600 • Fax 905-738-1306
Heikensstraat 6 • B 9240 Zele, Belgium • 052 45.11.11 • Fax 052 45.09.93
Regent Business Ctr., Jubilee Rd. • Burgess Hill, Sussex RH15 9TL U.K. • 01444-871313 • Fax 01444-871317
Copyright © 2010 Magnetrol International, Incorporated. All rights reserved. Printed in the USA.
Magnetrol, Magnetrol logotype, and Echotel are registered trademarks of Magnetrol International.
Hastelloy® is a registered trademark of HAYNES INTERNATIONAL, INC. (DELAWARE CORPORATION).
Monel® is a registered trademark of the INCO family of companies.
Kynar® is a registered trademark of Elf Atochem North America, Inc.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16