| 전자부품 데이터시트 검색엔진 |
|
B40-1F30-FKB 데이터시트(PDF) 8 Page - Magnetrol International, Inc. |
|
|
|||||||||||||||||||||||||||||
B40-1F30-FKB 데이터시트(HTML) 8 Page - Magnetrol International, Inc. |
|
8 / 20 page ![]() c. DO NOT operate your control with defective or mal- adjusted switch mechanism (refer to bulletin on switch mechanisms furnished for service instructions). d. Magnetrol controls may sometimes be exposed to excessive heat or moisture. Under such conditions, insulation on electrical wiring may become brittle, eventually breaking or peeling away. The resulting bare wires can cause short circuits. Check wiring carefully and replace at the first sign of brittle insulation. e. Vibration may sometimes cause terminal screws to work loose. Check all terminal connections to make certain that screws are tightened. NOTE: As a matter of good practice, spare switches should be kept on hand at all times. 3.1.3 Inspect entire unit periodically Isolate control from vessel. Raise and lower liquid level to check for switch contact and reset. 3.2 What to avoid 1. Never leave switch housing cover off the control longer than necessary to make routine inspections. 2. Never place a jumper wire across terminals to “cut-out” the control. If a “jumper” is necessary for test purposes, be cer- tain it is removed before placing control into service. 3. Never attempt to make adjustments or replace switches without reading instructions carefully. Certain adjustments provided for in level controls should not be attempted in the field. When in doubt, consult the factory or your local representative. 4. Never use lubricants on pivots of switch mechanisms. A sufficient amount of lubricant has been applied at the factory to ensure a lifetime of service. Further oiling is unnecessary and will only tend to attract dust and dirt which can interfere with mechanism operation. 8 46-602 B40 Liquid Level Switches |