| 전자부품 데이터시트 검색엔진 |
|
FD2000 데이터시트(PDF) 20 Page - Finechips |
|
|
|||||||||||||||||||||||||||||
FD2000 데이터시트(HTML) 20 Page - Finechips |
|
20 / 37 page ![]() FD2000 Rev1.0 20/37 − ADRAM data write method when IM = 1 (Instructions other than the “ADRAM data write” instruction cannot be used.) 10.6.4. Data format at (4) (24 bits) Code D40 D41 D42 D43 D44 D45 D46 D47 D48 D49 D50 D51 D52 D53 D54 D55 D56 D57 D58 D59 D60 D61 D62 D63 AD1 AD2 AD3 AD4 AD5 X X X RA0 RA1 RA2 RA3 X X X X IM X X X 0 1 1 0 X: don’t care 10.6.5. Data format at (5) (8 bits) Code D56 D57 D58 D59 D60 D61 D62 D63 AD1 AD2 AD3 AD4 AD5 X X X X: don’t care 10.6.6. Data format at (6) (16 bits) Code D48 D49 D50 D51 D52 D53 D54 D55 D56 D57 D58 D59 D60 D61 D62 D63 AD1 AD2 AD3 AD4 AD5 X X X 0 X X X 0 1 1 0 X: don’t care |