| 전자부품 데이터시트 검색엔진 |
|
FM3316 데이터시트(PDF) 21 Page - Ramtron International Corporation |
|
|
|||||||||||||||||||||||||||||
FM3316 데이터시트(HTML) 21 Page - Ramtron International Corporation |
|
21 / 28 page ![]() FM33256/FM3316 SPI Companion w/ FRAM Rev. 2.0 Feb. 2009 Page 21 of 28 Figure 18. Processor Companion Write Status Register & Write Protection The write protection features of the FM33xx are multi-tiered. To write the memory, a WREN op-code must first be issued, followed by a WRITE op-code. A Status Register associated with the memory has a write enable latch bit (WEL) that is internally set when WREN is issued. Writes to certain memory blocks are controlled by the Block Protect bits in the Status Register. The BP bits may be changed by using the WRSR command. The Status Register is organized as follows. Table 5. Status Register Bit 7 6 5 4 3 2 1 0 Name 0 1 0 0 BP1 BP0 WEL 0 Bits 7, 5, 4, and 0 are fixed at 0, bit 6 is fixed at 1, and none of these bits can be modified. Note that bit 0 (Ready in EEPROMs) is unnecessary as the F- RAM writes in real-time and is never busy. The BP1 and BP0 control software write-protection features. They are nonvolatile (shaded yellow). The WEL flag indicates the state of the Write Enable Latch. Attempting to directly write the WEL bit in the Status Register has no effect on its state, since this bit is internally set and cleared via the WREN and WRDI commands, respectively. BP1 and BP0 are memory block write protection bits. They specify portions of memory that are write-protected as shown in the following table. Table 6. Block Memory Write Protection BP1 BP0 Protected Address Range 0 0 None 0 1 Upper ¼ 1 0 Upper ½ 1 1 All The BP1 and BP0 bits and the Write Enable Latch are the only mechanisms that protect the memory from writes. Memory Operation The SPI interface, which is capable of a relatively high clock frequency, highlights the fast write capability of the F-RAM technology. Unlike SPI-bus EEPROMs, the FM33xx can perform sequential writes at bus speed. No page register is needed and any number of sequential writes may be performed. Write Operation All writes to the memory begin with a WREN op- code with /CS being asserted and deasserted. The next op-code is a WRITE. The WRITE op-code is followed by a two-byte address value. Table 7 shows the addressing scheme for each density. This is the starting address of the first data byte of the write operation. Subsequent bytes are data bytes, which are written sequentially. Addresses are incremented internally as long as the bus master continues to issue clocks and keeps /CS low. A write operation will be terminated when a write-protected address is directly accessed or when the device has internally incremented the address into a write-protected space. If the last address is reached (e.g. 7FFFh on the FM33256), the counter will roll over to 0000h. Data is written MSB first. The rising edge of /CS terminates a WRITE operation. A write operation is shown in Figure 19. Note: Although the WREN op- code is not shown in the timing diagram, it is required prior to sending the WRITE command. EEPROMs use page buffers to increase their write throughput. This compensates for the technology’s inherently slow write operations. F-RAM memories do not have page buffers because each byte is written to the F-RAM array immediately after it is clocked in (after the 8 th clock). This allows any number of bytes to be written without page buffer delays. Read Operation After the falling edge of /CS, the bus master can issue a READ op-code. Following the READ command is a two-byte address value. Table 7 shows the addressing scheme for each density. This is the starting address of the first byte of the read operation. 01 2 3 4 56701 2 3 4 5 01234567 op-code 0 0 0 1 0 0 1 0 MSB Register Address 7 6 5 4 3 2 CS SCK SI SO 1 6 0 7 LSB MSB LSB Data 7 6 5 4 3 21 0 0 7 Hi-Z LSB |