전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LNK623 데이터시트(PDF) 17 Page - Power Integrations, Inc.

부품명 LNK623
상세설명  Energy-Effi cient, Off-line Switcher with Accurate Primary-side Constant-Voltage (CV) Control
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  POWERINT [Power Integrations, Inc.]
홈페이지  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK623 데이터시트(HTML) 17 Page - Power Integrations, Inc.

Back Button LNK623 Datasheet HTML 10Page - Power Integrations, Inc. LNK623 Datasheet HTML 11Page - Power Integrations, Inc. LNK623 Datasheet HTML 12Page - Power Integrations, Inc. LNK623 Datasheet HTML 13Page - Power Integrations, Inc. LNK623 Datasheet HTML 14Page - Power Integrations, Inc. LNK623 Datasheet HTML 15Page - Power Integrations, Inc. LNK623 Datasheet HTML 16Page - Power Integrations, Inc. LNK623 Datasheet HTML 17Page - Power Integrations, Inc. LNK623 Datasheet HTML 18Page - Power Integrations, Inc.  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
Rev. E 09/09
17
LNK623-626
www.powerint.com
Part Ordering Information
• LinkSwitch Product Family
• CV Series Number
• Package Identifier
P
Plastic DIP
D
Plastic SO-8
• Package Material
G
GREEN: Halogen Free and RoHS Compliant
• Tape & Reel and Other Options
Blank
Standard Configurations
TL
Tape & Reel, 2.5 k pcs for D Package. Not available for P Package.
LNK 625
D G - TL
PI-4526-040207
D07C
SO-8C
3.90 (0.154) BSC
Notes:
1. JEDEC reference: MS-012.
2. Package outline exclusive of mold flash and metal burr.
3. Package outline inclusive of plating thickness.
4. Datums A and B to be determined at datum plane H.
5. Controlling dimensions are in millimeters. Inch dimensions
are shown in parenthesis. Angles in degrees.
0.20 (0.008) C
2X
1
4
5
8
2
6.00 (0.236) BSC
D
4
A
4.90 (0.193) BSC
2
0.10 (0.004) C
2X
D
0.10 (0.004) C
2X
A-B
1.27 (0.050) BSC
7X 0.31 - 0.51 (0.012 - 0.020)
0.25 (0.010) M C A-B D
0.25 (0.010)
0.10 (0.004)
(0.049 - 0.065)
1.25 - 1.65
1.75 (0.069)
1.35 (0.053)
0.10 (0.004) C
7X
C
H
o
1.27 (0.050)
0.40 (0.016)
GAUGE
PLANE
0 - 8
1.04 (0.041) REF
0.25 (0.010)
BSC
SEATING
PLANE
0.25 (0.010)
0.17 (0.007)
DETAIL A
DETAIL A
C
SEATING PLANE
Pin 1 ID
B
4
+
+
+
4.90 (0.193)
1.27 (0.050)
0.60 (0.024)
2.00 (0.079)
Reference
Solder Pad
Dimensions
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18