전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT16C21 데이터시트(PDF) 14 Page - Holtek Semiconductor Inc

부품명 HT16C21
상세설명  RAM Mapping 20*4 / 16*8 LCD Driver Controller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT16C21 데이터시트(HTML) 14 Page - Holtek Semiconductor Inc

Back Button HT16C21 Datasheet HTML 10Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 11Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 12Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 13Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 14Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 15Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 16Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 17Page - Holtek Semiconductor Inc HT16C21 Datasheet HTML 18Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Rev. 1.00
14
November 22, 2011
HT16C21
Internal VLCD Voltage Adjustment
● The internal VLCD adjustment contains four resistors in series and a 4-bit programmable analog switch which
can provide sixteen voltage adjustment options using the VLCD voltage adjustment command.
● The internal VLCD adjustment structure is shown in the diagram:
R
LCD Bias
generator
VLCD pin
R
R
R
IVA
VDD
● The relationship between the programmable 4-bit analog switch and the VLCD output voltage is shown in the
table:
DA3~DA0
Bias
1/3
1/4
Note
00H
1.000*VDD
1.000*VDD
Default value
01H
0.944*VDD
0.957*VDD
02H
0.894*VDD
0.918*VDD
03H
0.849*VDD
0.882*VDD
04H
0.808*VDD
0.849*VDD
05H
0.771*VDD
0.818*VDD
06H
0.738*VDD
0.789*VDD
07H
0.707*VDD
0.763*VDD
08H
0.678*VDD
0.738*VDD
09H
0.652*VDD
0.714*VDD
0AH
0.628*VDD
0.692*VDD
0BH
0.605*VDD
0.672*VDD
0CH
0.584*VDD
0.652*VDD
0DH
0.565*VDD
0.634*VDD
0EH
0.547*VDD
0.616*VDD
0FH
0.529*VDD
0.600*VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34