전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SB2003M 데이터시트(PDF) 2 Page - Sanyo Semicon Device

부품명 SB2003M
상세설명  30V, 2.0A Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

SB2003M 데이터시트(HTML) 2 Page - Sanyo Semicon Device

  SB2003M_10 Datasheet HTML 1Page - Sanyo Semicon Device SB2003M_10 Datasheet HTML 2Page - Sanyo Semicon Device SB2003M_10 Datasheet HTML 3Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SB2003M
No.8371-2/3
Package Dimensions
Electrical Connection
unit : mm (typ)
7022A-014
trr Test Circuit
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
SANYO : MCPH6
2.0
0.3
0.65
0.15
0 to 0.02
65
4
12
3
65
4
12
3
65
4
13
2
1 : Cathode
2 : Cathode
3 : Anode
4 : No Contact
5 : Cathode
6 : Cathode
Top view
Duty≤10%
50Ω
100Ω
10Ω
--5V
trr
10μs
0
0.2
0.3
0.1
0.4
0.5
0.6
5
7
7
3
2
5
3
2
5
7
3
2
1.0
0.1
0.01
Forward Voltage, VF -- V
IF -- VF
IT08588
Reverse Voltage, VR -- V
IR -- VR
IT08589
0
2
3
5
7
0.000001
0.00001
2
3
5
7
0.0001
2
3
5
7
0.001
2
3
5
7
0.01
2
3
5
7
0.1
2
3
5
7
1.0
2
3
5
7
10
510
15
20
25
30
35
Ta=125°C
100°C
75
°C
50
°C
25
°C
0
°C
--25°C



Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com