전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MAX12005 데이터시트(PDF) 11 Page - Maxim Integrated Products

부품명 MAX12005
상세설명  Satellite IF Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MAXIM [Maxim Integrated Products]
홈페이지  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX12005 데이터시트(HTML) 11 Page - Maxim Integrated Products

Back Button MAX12005 Datasheet HTML 6Page - Maxim Integrated Products MAX12005 Datasheet HTML 7Page - Maxim Integrated Products MAX12005 Datasheet HTML 8Page - Maxim Integrated Products MAX12005 Datasheet HTML 9Page - Maxim Integrated Products MAX12005 Datasheet HTML 10Page - Maxim Integrated Products MAX12005 Datasheet HTML 11Page - Maxim Integrated Products MAX12005 Datasheet HTML 12Page - Maxim Integrated Products MAX12005 Datasheet HTML 13Page - Maxim Integrated Products MAX12005 Datasheet HTML 14Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
Satellite IF Switch
11
Table 2. DiSEqC Slave Control Interface Command Bytes
HEX VALUE
COMMAND
FUNCTION
DATA BYTES
SLAVE REPLY
0x00
Reset
Reset DiSEqC decoder
—
Framing byte
0x01
Clr Reset
Clear reset flag
Clears Status_reg, bit 0
—
Framing byte
0x04
Set Contend
Set contention flag
Sets Status_reg, bit 7
—
Framing byte
0x05
Contend
Return address only if contention flag is set
Reads Address_reg
—
Framing + data
byte
0x06
Clr Contend
Clear contention flag
Clears Status_reg, bit 7
—
Framing byte
0x07
Address
Return address unless contention flag is set
Reads Address_reg
—
Framing + data
byte
0x08
Move C
Change address only if contention flag is set
Writes to Address_reg
1 byte
Framing byte
0x09
Move
Change address unless contention flag is set
Writes to Address_reg
1 byte
Framing byte
0x10
Status
Read status register flags
Reads Status_reg
—
Framing + data
byte
0x11
Config
Read configuration flags
Reads Configuration_reg
—
Framing + data
byte
0x14
Switch 0
Read switching state flags
Reads Switch_reg
—
Framing + data
byte
0x20
Set Lo
Select the low local oscillator frequency
Clears Switch_reg, bit 4
—
Framing byte
0x21
Set VR
Select vertical polarization (or right circular)
Clears Switch_reg, bit 5
—
Framing byte
0x22
Set Pos A
Select satellite position A (or position C)
Clears Switch_reg, bit 6
—
Framing byte
0x23
Set S0A
Select switch option A (i.e. positions A/B)
Clears Switch_reg, bit 7
—
Framing byte
0x24
Set Hi
Select the high local oscillator frequency
Sets Switch_reg, bit 4
—
Framing byte
0x25
Set HL
Select horizontal polarization (or left circular)
Sets Switch_reg, bit 5
—
Framing byte
0x26
Set Pos B
Select satellite position B (or position D)
Sets Switch_reg, bit 6
—
Framing byte
0x27
Set S0B
Select switch option B (i.e. positions C/D)
Sets Switch_reg, bit 7
—
Framing byte
0x30
Sleep
Ignore all bus commands except Awake
Sets Status_reg, bit 1
—
Framing byte
0x31
Awake
Respond to future bus commands normally
Clears Status_reg, bit 1
—
Framing byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com