전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

W25Q40BVZPIP 데이터시트(PDF) 2 Page - Winbond

부품명 W25Q40BVZPIP
상세설명  4M-BIT SERIAL FLASH MEMORY WITH DUAL AND QUAD SPI
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINBOND [Winbond]
홈페이지  http://www.winbond.com
Logo WINBOND - Winbond

W25Q40BVZPIP 데이터시트(HTML) 2 Page - Winbond

  W25Q40BVZPIP Datasheet HTML 1Page - Winbond W25Q40BVZPIP Datasheet HTML 2Page - Winbond W25Q40BVZPIP Datasheet HTML 3Page - Winbond W25Q40BVZPIP Datasheet HTML 4Page - Winbond W25Q40BVZPIP Datasheet HTML 5Page - Winbond W25Q40BVZPIP Datasheet HTML 6Page - Winbond W25Q40BVZPIP Datasheet HTML 7Page - Winbond W25Q40BVZPIP Datasheet HTML 8Page - Winbond W25Q40BVZPIP Datasheet HTML 9Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 73 page
background image
W25Q40BV
- 2 -
Table of Contents
1.
GENERAL DESCRIPTION ............................................................................................................... 5
2.
FEATURES....................................................................................................................................... 5
3.
PIN CONFIGURATION SOIC 150 / 208-MIL ................................................................................... 6
4.
PAD CONFIGURATION WSON 6X5-MM ........................................................................................ 6
5.
PIN DESCRIPTION SOIC 150/208-MIL, AND WSON 6X5-MM ...................................................... 6
5.1
Package Types..................................................................................................................... 7
5.2
Chip Select (/CS).................................................................................................................. 7
5.3
Serial Data Input, Output and IOs (DI, DO and IO0, IO1, IO2, IO3) .................................... 7
5.4
Write Protect (/WP)............................................................................................................... 7
5.5
HOLD (/HOLD) ..................................................................................................................... 7
5.6
Serial Clock (CLK)................................................................................................................ 7
6.
BLOCK DIAGRAM............................................................................................................................ 8
7.
FUNCTIONAL DESCRIPTION ......................................................................................................... 9
7.1
SPI OPERATIONS ............................................................................................................... 9
7.1.1
Standard SPI Instructions.......................................................................................................9
7.1.2
Dual SPI Instructions ..............................................................................................................9
7.1.3
Quad SPI Instructions.............................................................................................................9
7.1.4
Hold Function .........................................................................................................................9
7.2
WRITE PROTECTION ....................................................................................................... 10
7.2.1
Write Protect Features..........................................................................................................10
8.
CONTROL AND STATUS REGISTERS ........................................................................................ 11
8.1
STATUS REGISTER .......................................................................................................... 11
8.1.1
BUSY....................................................................................................................................11
8.1.2
Write Enable Latch (WEL) ....................................................................................................11
8.1.3
Block Protect Bits (BP2, BP1, BP0)......................................................................................11
8.1.4
Top/Bottom Block Protect (TB).............................................................................................11
8.1.5
Sector/Block Protect (SEC) ..................................................................................................11
8.1.6
Complement Protect (CMP) .................................................................................................12
8.1.7
Status Register Protect (SRP1, SRP0).................................................................................12
8.1.8
Erase/Program Suspend Status (SUS) ................................................................................12
8.1.9
Security Register Lock Bits (LB3, LB2, LB1) ........................................................................12
8.1.10
Quad Enable (QE) ..............................................................................................................13
8.1.11
Status Register Memory Protection (CMP = 0)...................................................................14
8.1.12
Status Register Memory Protection (CMP = 1)...................................................................15
8.2
INSTRUCTIONS................................................................................................................. 16
8.2.1
Manufacturer and Device Identification ................................................................................16
8.2.2
Instruction Set Table 1 (Erase, Program Instructions) ..........................................................17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73