| 전자부품 데이터시트 검색엔진 |
|
LPC1850 데이터시트(PDF) 45 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
LPC1850 데이터시트(HTML) 45 Page - NXP Semiconductors |
|
45 / 157 page ![]() LPC1850_30_20_10 All information provided in this document is subject to legal disclaimers. © NXP B.V. 2011. All rights reserved. Preliminary data sheet Rev. 3 — 6 December 2011 45 of 157 NXP Semiconductors LPC1850/30/20/10 32-bit ARM Cortex-M3 microcontroller PC_6 H6 - - 22 - - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D2 — ULPI link bidirectional data line 2. - R — Function reserved. I ENET_RXD2 — Ethernet receive data 2 (MII interface). I/O GPIO6[5] — General purpose digital input/output pin. - R — Function reserved. I T3_CAP3 — Capture input 3 of timer 3. I/O SD_DAT2 — SD/MMC data bus line 2. PC_7 G5 - - - - - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D1 — ULPI link bidirectional data line 1. - R — Function reserved. I ENET_RXD3 — Ethernet receive data 3 (MII interface). I/O GPIO6[6] — General purpose digital input/output pin. - R — Function reserved. O T3_MAT0 — Match output 0 of timer 3. I/O SD_DAT3 — SD/MMC data bus line 3. PC_8 N4 - - - - - [3] I; PU - R — Function reserved. I/O USB1_ULPI_D0 — ULPI link bidirectional data line 0. - R — Function reserved. I ENET_RX_DV — Ethernet Receive Data Valid (RMII/MII interface). I/O GPIO6[7] — General purpose digital input/output pin. - R — Function reserved. O T3_MAT1 — Match output 1 of timer 3. I SD_CD — SD/MMC card detect input. Table 3. Pin description …continued LCD, Ethernet, USB0, and USB1 functions are not available on all parts. See Table 2. Symbol Description |