| 전자부품 데이터시트 검색엔진 |
|
ATXMEGA64D4 데이터시트(PDF) 21 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATXMEGA64D4 데이터시트(HTML) 21 Page - ATMEL Corporation |
|
21 / 105 page ![]() 21 8135J–AVR–12/10 XMEGA D4 10.3.4 Standby Mode Standby mode is identical to Power-down with the exception that all enabled system clock sources are kept running, while the CPU, Peripheral and RTC clocks are stopped. This reduces the wake-up time when external crystals or resonators are used. 10.3.5 Extended Standby Mode Extended Standby mode is identical to Power-save mode with the exception that all enabled system clock sources are kept running while the CPU and Peripheral clocks are stopped. This reduces the wake-up time when external crystals or resonators are used. |