| 전자부품 데이터시트 검색엔진 |
|
EPC100 데이터시트(PDF) 1 Page - Espros Photonics corp |
|
|
|||||||||||||||||||||||||||||
EPC100 데이터시트(HTML) 1 Page - Espros Photonics corp |
|
1 / 9 page ![]() epc100 Light-Curtain Device with 2-Wire Bus Interface General Description The epc10x chip set is a general purpose CMOS integrated circuit for light-curtain applications. epc100 is used on the receiver side (Rx) whereas epc 101 is on the emitter side (Tx). Up to 1023 devices may be connected to two respectively four wires in paral- lel. Each device can be individually addressed by an epc100 chip which acts as the interface between a microcontroller and the 2- wire bus. It manages the bus traffic between the microcontroller and the individual Rx and Tx elements. Programmable fuses i.e. for the address, sensitivity, LED light pulse width, etc. allow the device to be parametrized in the final system (OTP memory). Each chip can be put into 'standby mode' or 'operating mode' to re- duce power consumption. During 'standby mode', power consump- tion is reduced and the photo diode is shorted. Refer to the separate Data Sheet of the epc101 transmitter chip and to the Reference Manual epc10x for implementation, usage and configuration information. Feature Light pulse receiver Bus transceiver Advantageous wiring by communication over the power-supply lines High sensitive input for photo-diode current signals, typ. 60nA Scan period down to 30 µs integrated clock generator CSP10 package with very small footprint and standard QFN16 pack - age available Applications Light barriers ranging from millimeters to tens of meters Light curtains Smoke detectors Liquid detectors Functional Block Diagram Functional Block diagram epc70x LST Parameter Memory 2-wire COM Interface 2-wire COM Interface SO SI CS VDD33 PD 18.05.2011 Page 1 ... File: This document is confidential and protected by law and international trades. It must not be shown to any third party nor be copied in any form without our written permission . D1 f VDD18 Signal Processor Processor SPI Controller GND VDD SC © 2011 ESPROS Photonics Corporation Characteristics subject to change without notice 1 Datasheet epc100 - V2.1 www.espros.ch |
유사한 부품 번호 - EPC100 |
|
유사한 설명 - EPC100 |