전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SP0503BAHTG 데이터시트(PDF) 5 Page - Littelfuse

부품명 SP0503BAHTG
상세설명  SP050xBA Lead-Free/Green Series
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LITTELFUSE [Littelfuse]
홈페이지  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SP0503BAHTG 데이터시트(HTML) 5 Page - Littelfuse

  SP0503BAHTG Datasheet HTML 1Page - Littelfuse SP0503BAHTG Datasheet HTML 2Page - Littelfuse SP0503BAHTG Datasheet HTML 3Page - Littelfuse SP0503BAHTG Datasheet HTML 4Page - Littelfuse SP0503BAHTG Datasheet HTML 5Page - Littelfuse SP0503BAHTG Datasheet HTML 6Page - Littelfuse SP0503BAHTG Datasheet HTML 7Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
76
©2009 Littelfuse, Inc.
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
SPA™ Silicon Protection Array Products
Surface Mount TVS Avalanche Diode Array
SP050xBA Lead-Free/Green Series
e
e1
E
3
1
2
E1
b
A1
A
D
C
L1
502B
SP0502BAHT - SOT23-3
Package
SOT23-3
Pins
3
JEDEC
TO-236
Millimeters
Inches
Min
Max
Min
Max
A
0.89
1.12
0.035
0.044
A1
0.01
0.1
0.0004
0.004
b
0.3
0.5
0.012
0.020
c
0.08
0.2
0.003
0.008
D
2.8
3.04
0.110
0.120
E
2.1
2.64
0.083
0.104
E1
1.2
1.4
0.047
0.055
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.54 REF
0.021 REF
M
2.29
.090
N
0.95
0.038
O
0.78
.030TYP
P
0.78
.030TYP
P
0
N
M
Package Dimensions - SOT23
e
e1
5
4
1
2
3
L1
E1 E
D
A
A1
c
B
504B
SP0504BAHTG - SOT23-5
Package
SOT23-5
Pins
5
JEDEC
MO-178
Millimeters
Inches
Min
Max
Min
Max
A
-
1.45
-
0.057
A1
0
0.15
0
0.006
b
0.3
0.5
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.6
3.0
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.60 REF
0.024 REF
M
2.59
.102
N
0.95
.038
O
0.69
.027TYP
P
0.99
.039TYP
O
P
N
M
Recommended Pad Layout
Recommended Pad Layout
b
1
2
3
4
5
6
e
E1
E
505B
e1
L1
D
A
A1
c
SP0505BAHTG - SOT23-6
Package
SOT23-6
Pins
6
JEDEC
MO-178
Millimeters
Inches
Min
Max
Min
Max
A
-
1.45
-
0.057
A1
0
0.15
0
0.006
b
0.3
0.5
0.012
0.020
c
0.08
0.22
0.003
0.009
D
2.75
3.05
0.108
0.120
E
2.6
3.0
0.102
0.118
E1
1.45
1.75
0.057
0.069
e
0.95 BSC
0.038 BSC
e1
1.90 BSC
0.075 BSC
L1
0.60 REF
0.024 REF
M
2.59
.102
N
0.95
0.038
O
0.69
.027TYP
P
0.99
.039TYP
O
P
N
M
Recommended Pad Layout



Html Pages

1 2 3 4 5 6 7