| 전자부품 데이터시트 검색엔진 |
|
SP0504BAHTG 데이터시트(PDF) 6 Page - Littelfuse |
|
|
|||||||||||||||||||||||||||||
SP0504BAHTG 데이터시트(HTML) 6 Page - Littelfuse |
|
6 / 7 page ![]() 77 ©2009 Littelfuse, Inc. SPA™ Silicon Protection Array Products Specifications are subject to change without notice. Please refer to http://www.littelfuse.com for current information. Surface Mount TVS Avalanche Diode Array SP050xBA Lead-Free/Green Series Package Dimensions - SOT143 504 BA E LF D E1 A A1 C B L1 L2 SP0504BAATG - TSSOP-8 Package TSSOP-8 Pins 8 Millimeters Inches Min Max Min Max D 2.90 3.10 0.114 .122 E 6.40 REF .252 REF E1 4.29 4.50 .17 .18 A 1.194 REF .047 REF A1 0.051 0.152 .002 0.006 B - 0.30 - 0.012TYP C - 0.66 - TYP L1 0.51 0.76 .020 .030 L2 0.102 0.203 .004 .008 506 B D E1 E A A1 B C L1 L2 LF SP0506BAATG - MSOP-8 Package MSOP-8 Pins 8 Millimeters Inches Min Max Min Max D 2.90 3.10 0.114 .122 E 4.78 4.98 .188 .196 E1 2.90 3.10 .114 .122 A 0.87 1.17 .034 .046 A1 0.05 0.25 .002 0.010 B - 0.30TYP - 0.012TYP C - 0.65TYP - 0.026TYP L1 0.52 0.54 0.020 0.021 L2 - 0.18TYP - .007TYP F - 5.28 - .208 F1 - 4.24 - .167 G - 0.65 - 0.026 H - 0.38 - .015 I - 1.04 - .041 F1 F I H G Recommended Pad Layout 503B E E1 c e e1 1 2 4 3 b2 b A1 A D L L1 SP0503BAHTG - SOT143-4 Package SOT143-4 Pins 4 JEDEC TO-253 Millimeters Inches Min Max Min Max A 0.08 1.22 0.003 0.048 A1 0.05 0.15 0.002 0.006 b 0.30 0.50 0.012 0.020 b2 0.76 0.89 0.030 0.035 c 0.08 0.20 0.003 0.008 D 2.80 3.04 0.110 0.120 E 2.10 2.64 0.082 0.104 E1 1.20 1.40 0.047 0.055 e 1.92 BSC 0.076 BSC e1 0.20 BSC 0.008 BSC L 0.4 0.6 0.016 0.024 L1 0.550 REF 0.022 REF 3.40 (.134") 3.60 (.140") 0.80 (.032") 1.00 (.040") 2.20 (.087") REF 1.90 (.075") 1.70 (.067") 1.00 (.040") 1.20 (.048") 0.80 (.032") 1.00 (.040") BSC MAX 1.40 (.055") Recommended Pad Layout Package Dimensions - TSSOP Package Dimensions - MSOP |