| 전자부품 데이터시트 검색엔진 |
|
ICS8624I 데이터시트(PDF) 13 Page - Integrated Device Technology |
|
|
|||||||||||||||||||||||||||||
ICS8624I 데이터시트(HTML) 13 Page - Integrated Device Technology |
|
13 / 16 page ![]() 8624BYI www.idt.com REV. C JULY 30, 2010 13 ICS8624I LOW SKEW, 1-TO-5 DIFFERENTIAL-TO-HSTL ZERO DELAY BUFFER PACKAGE OUTLINE - Y SUFFIX FOR 32 LEAD LQFP N O I T A I R A V C E D E J S R E T E M I L L I M N I S N O I S N E M I D L L A L O B M Y S A B B M U M I N I ML A N I M O NM U M I X A M N 2 3 A 0 6 . 1 1 A 5 0 . 05 1 . 0 2 A 5 3 . 10 4 . 15 4 . 1 b 0 3 . 07 3 . 05 4 . 0 c 9 0 . 00 2 . 0 D C I S A B 0 0 . 9 1 D C I S A B 0 0 . 7 2 D 0 6 . 5 E C I S A B 0 0 . 9 1 E C I S A B 0 0 . 7 2 E 0 6 . 5 e C I S A B 0 8 . 0 L 5 4 . 00 6 . 05 7 . 0 θθθθθ 0 ° 7 ° c c c 0 1 . 0 TABLE 9. PACKAGE DIMENISIONS Reference Document: JEDEC Publication 95, MS-026 |