전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MM3Z2V2B 데이터시트(PDF) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 MM3Z2V2B
상세설명  Silicon Planar Zener Diodes
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

MM3Z2V2B 데이터시트(HTML) 2 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  MM3Z2V2B Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM3Z2V2B Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM3Z2V2B Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. MM3Z2V2B Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Characteristics at Ta = 25 OC
Type
Marking
Code
Zener Voltage Range
1)
Dynamic Impedance
Reverse Leakage Current
Vznom
lZT for
VZT
ZZT (Max.)
at IZT
IR (Max.)
at VR
V
mA
V
mA
μA
V
MM3Z2V2B
MF
2.2
5
2.1...2.4
100
5
120
0.7
MM3Z2V4B
7C
2.4
5
2.3…2.65
100
5
120
1
MM3Z2V7B
7D
2.7
5
2.65…2.95
110
5
120
1
MM3Z3V0B
7E
3.0
5
2.95…3.25
120
5
50
1
MM3Z3V3B
7F
3.3
5
3.25…3.55
120
5
20
1
MM3Z3V6B
7H
3.6
5
3.6…3.845
100
5
10
1
MM3Z3V9B
7J
3.9
5
3.89…4.16
100
5
5
1
MM3Z4V3B
7K
4.3
5
4.17…4.43
100
5
5
1
MM3Z4V7B
7M
4.7
5
4.55…4.75
100
5
2
1
MM3Z5V1B
7N
5.1
5
4.98…5.2
80
5
2
1.5
MM3Z5V6B
7P
5.6
5
5.49…5.73
60
5
1
2.5
MM3Z6V2B
7R
6.2
5
6.06…6.33
60
5
1
3
MM3Z6V8B
7X
6.8
5
6.65…6.93
40
5
0.5
3.5
MM3Z7V5B
7Y
7.5
5
7.28…7.6
30
5
0.5
4
MM3Z8V2B
7Z
8.2
5
8.02…8.36
30
5
0.5
5
MM3Z9V1B
8A
9.1
5
8.85…9.23
30
5
0.5
6
MM3Z10B
8B
10
5
9.77…10.21
30
5
0.1
7
MM3Z11B
8C
11
5
10.76…11.22
30
5
0.1
8
MM3Z12B
8D
12
5
11.74…12.24
30
5
0.1
9
MM3Z13B
8E
13
5
12.91…13.49
37
5
0.1
10
MM3Z15B
8F
15
5
14.34…14.98
42
5
0.1
11
MM3Z16B
8H
16
5
15.85…16.51
50
5
0.1
12
MM3Z18B
8J
18
5
17.56…18.35
65
5
0.1
13
MM3Z20B
8K
20
5
19.52…20.39
85
5
0.1
15
MM3Z22B
8M
22
5
21.54…22.47
100
5
0.1
17
MM3Z24B
8N
24
5
23.72…24.78
120
5
0.1
19
MM3Z27B
8P
27
5
26.19…27.53
150
5
0.1
21
MM3Z30B
8R
30
5
29.19…30.69
200
5
0.1
23
MM3Z33B
8X
33
5
32.15…33.79
250
5
0.1
25
MM3Z36B
8Y
36
5
35.07…36.87
300
5
0.1
27
MM3Z39B
8Z
39
5
37…41
100
5
2
30
1) V
Z is tested with pulses (20 ms).
MM3Z2V2B~MM3Z39B
Date:2011/05
www.htsemi.com
semiconductor
JinYu



Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com