| 전자부품 데이터시트 검색엔진 |
|
MM3Z2V4CW 데이터시트(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
|
|||||||||||||||||||||||||||||
MM3Z2V4CW 데이터시트(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH |
|
2 / 4 page ![]() Elektronische Bauelemente MM3ZxxxCW Series 200mW, SOD-323L Surface Mount Zener Diodes 6-Jan-2012 Rev. A Page 2 of 4 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified, VF=1V Maximum@ IF=10mA) Zener Voltage Range Maximum Zener Impedance Maximum Reverse Leakage Current VZ@IZT IZT ZZT@IZT ZZK@IZK IZK IR@VR Type Number Marking Min(V) Nom(V) Max(V) mA Ω Ω mA μA V MM3Z2V4CW Z0 2.28 2.4 2.52 5 100 564 1 45 1 MM3Z2V7CW Z1 2.57 2.7 2.84 5 100 564 1 18 1 MM3Z3V0CW Z2 2.85 3 3.15 5 100 564 1 9 1 MM3Z3V3CW Z3 3.14 3.3 3.47 5 95 564 1 4.5 1 MM3Z3V6CW Z4 3.42 3.6 3.78 5 90 564 1 4.5 1 MM3Z3V9CW Z5 3.71 3.9 4.1 5 90 564 1 2.7 1 MM3Z4V3CW Z6 4.09 4.3 4.52 5 90 564 1 2.7 1 MM3Z4V7CW Z7 4.47 4.7 4.94 5 80 470 1 2.7 2 MM3Z5V1CW Z8 4.85 5.1 5.36 5 60 451 1 1.8 2 MM3Z5V6CW Z9 5.32 5.6 5.88 5 40 376 1 0.9 2 MM3Z6V2CW ZA 5.89 6.2 6.51 5 10 141 1 2.7 4 MM3Z6V8CW ZB 6.46 6.8 7.14 5 15 75 1 1.8 4 MM3Z7V5CW ZC 7.11 7.5 7.86 5 15 75 1 0.9 5 MM3Z8V2CW ZD 7.79 8.2 8.61 5 15 75 1 0.63 5 MM3Z9V1CW ZE 8.65 9.1 9.56 5 15 94 1 0.45 6 MM3Z10VCW ZF 9.5 10 10.5 5 20 141 1 0.18 7 MM3Z11VCW ZG 10.45 11 11.55 5 20 141 1 0.09 8 MM3Z12VCW ZH 11.4 12 12.6 5 25 141 1 0.09 8 MM3Z13VCW ZJ 12.35 13 13.65 5 30 160 1 0.09 8 MM3Z15VCW ZK 14.25 15 15.75 5 30 188 1 0.045 10.5 MM3Z16VCW ZL 15.2 16 16.8 5 40 188 1 0.045 11.2 MM3Z18VCW ZM 17.1 18 18.9 5 45 212 1 0.045 12.6 MM3Z20VCW ZN 19 20 21 5 55 212 1 0.045 14 MM3Z22VCW ZP 20.9 22 23.1 5 55 235 1 0.045 15.4 MM3Z24VCW ZR 22.8 24 25.2 5 70 235 1 0.045 16.8 MM3Z27VCW ZS 25.65 27 28.35 2 80 282 0.5 0.045 18.9 MM3Z30VCW ZT 28.5 30 31.5 2 80 282 0.5 0.045 21 MM3Z33VCW ZU 31.35 33 34.65 2 80 306 0.5 0.045 23 MM3Z36VCW ZV 34.2 36 37.8 2 90 329 0.5 0.045 25.2 MM3Z39VCW ZW 37.05 39 40.95 2 130 329 0.5 0.045 27.3 |