전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ZMM1 데이터시트(PDF) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

부품명 ZMM1
상세설명  SILICON PLANAR ZENER DIODES
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HTSEMI [Shenzhen Jin Yu Semiconductor Co., Ltd.]
홈페이지  http://www.htsemi.com
Logo HTSEMI - Shenzhen Jin Yu Semiconductor Co., Ltd.

ZMM1 데이터시트(HTML) 1 Page - Shenzhen Jin Yu Semiconductor Co., Ltd.

  ZMM1 Datasheet HTML 1Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 2Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 3Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 4Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 5Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 6Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 7Page - Shenzhen Jin Yu Semiconductor Co., Ltd. ZMM1 Datasheet HTML 8Page - Shenzhen Jin Yu Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
ZMM 1...ZMM200
SILICON PLANAR ZENER DIODES
in MiniMELF case especially for automatic insertion. The
Zener voltages are graded according to the international E 24
standard. Smaller voltage tolerances and higher Zener
voltages are upon request.
These diodes are also available in DO-35 case with the type
designation BZX55C...
Absolute Maximum Ratings (Ta = 25
oC)
Symbol
Value
Unit
Power Dissipation
Ptot
500
1)
mW
Junction Temperature
Tj
175
O
C
Storage Temperature Range
TS
-55 to +175
O
C
1) Valid provided that electrodes are kept at ambient temperature
Characteristics at Tamb = 25
oC
Symbol
Min.
Typ.
Max.
Unit
Thermal Resistance
Junction to Ambient Air
RthA
-
-
0.3
1)
K/mW
Forward Voltage
at IF = 100mA
VF
-
-
1
V
1) Valid provided that electrodes are kept at ambient temperature
LL-34
1 
Date:2011/05
www.htsemi.com
semiconductor
JinYu


유사한 부품 번호 - ZMM1

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
ZMM1 SEMTECH-ZMM1 Datasheet
594Kb / 8P
SILICON PLANAR POWER ZENER DIODES?
logo
Shanghai Lunsure Electr...
ZMM1 CHENYI-ZMM1 Datasheet
449Kb / 8P
0.5W SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
ZMM1 GOOD-ARK-ZMM1 Datasheet
627Kb / 8P
SILICON PLANAR ZENER DIODES
logo
Diotec Semiconductor
ZMM1 DIOTEC-ZMM1 Datasheet
1Mb / 4P
Surface mount Silicon Planar Zener Diodes
More results

유사한 설명 - ZMM1

제조업체부품명데이터시트상세설명
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Zowie Technology Corpor...
MM3Z5221BH ZOWIE-MM3Z5221BH Datasheet
190Kb / 3P
SILICON PLANAR ZENER DIODES
logo
Shenzhen Jin Yu Semicon...
MM1Z2V0 HTSEMI-MM1Z2V0 Datasheet
236Kb / 4P
SILICON PLANAR ZENER DIODES
MM3Z2V2B HTSEMI-MM3Z2V2B Datasheet
675Kb / 4P
Silicon Planar Zener Diodes
logo
Continental Device Indi...
BZX85C2V7 CDIL-BZX85C2V7 Datasheet
108Kb / 3P
SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com