전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DLM 데이터시트(PDF) 41 Page - ITT Industries

부품명 DLM
상세설명  ZERO INSERTION FORCE CONNECTORS
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ITT [ITT Industries]
홈페이지  http://www.ittcannon.com
Logo ITT - ITT Industries

DLM 데이터시트(HTML) 41 Page - ITT Industries

Back Button DLM Datasheet HTML 37Page - ITT Industries DLM Datasheet HTML 38Page - ITT Industries DLM Datasheet HTML 39Page - ITT Industries DLM Datasheet HTML 40Page - ITT Industries DLM Datasheet HTML 41Page - ITT Industries DLM Datasheet HTML 42Page - ITT Industries DLM Datasheet HTML 43Page - ITT Industries DLM Datasheet HTML 44Page - ITT Industries DLM Datasheet HTML 45Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 76 page
background image
Dimensions are shown in mm (inch)
Dimensions subject to change
40
ZIF Connectors
DLM6
DLM6 — Metal Body — 360 Pin Connectors — Crimp Contacts
Plug
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Order actuating handle kit separately,
see page 47.
Part Number
Nomenclature
127050-0034
DLM6-360P
Receptacle
For contact cavity arrangement, see page 69.
For panel cutout and mounting hole pattern,
see page 65.
Crimp contacts are to be ordered separately
and installed by customer, see pages 52-53.
Part Number
Nomenclature
127050-0045
DLM6-360R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76