전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CXA1691M 데이터시트(PDF) 8 Page - Tiger Electronic Co.,Ltd

부품명 CXA1691M
상세설명  FM/AM RADIO CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

CXA1691M 데이터시트(HTML) 8 Page - Tiger Electronic Co.,Ltd

Back Button CXA1691M Datasheet HTML 2Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 3Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 4Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 5Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 6Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 7Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 8Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 9Page - Tiger Electronic Co.,Ltd CXA1691M Datasheet HTML 10Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CXA1691M
Coil Data
AM OSC
Core diameter
φ0.06mm 2UEW
Number of widings(t)
f (kHz)
L(
µH)
1 to 3
Qo
1 to 3
1 to 3
4 to 6
796
270
125
107
796
Equivalent to L-5K7-H5 R12-1684X. Mitsumi Electric
Co.,Ltd. or 7TRS-8441X TOKO Co., Ltd.
AM IFT
Core diameter
φ0.07mm UEW
Number of widings (t)
Co(pF)
1 to 3
Qo
1 to 3
1 to2
2 to 3
4 to 6
180
90
111
35
7
Equivalent to 21K7-H5 R12-8558A. Mitsumi Electric
Co.,Ltd. or 7MC-7789N TOKO Co., Ltd.
FM RF
FM OSC
AM bar antenna
f (kHz)
L(
µH)
Primary
Secondary
796
650
91t
20t
BPF
PFWE8
(88 to 108MHz)
Soshin Electric Co., Ltd.
CF1
SFU-455B
Murata Mfg. Co., Ltd. Or BFCFL-455 TOKO Co., Ltd.
CF2
SFE10.7MA5
Murata Mfg. Co., Ltd.
CF3
CDA10.7MC1
Murata Mfg. Co., Ltd.
8/10



Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com