전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM317L 데이터시트(PDF) 1 Page - Tiger Electronic Co.,Ltd

부품명 LM317L
상세설명  3-TERMINAL ADJUSTABLE REGULATOR
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TGS [Tiger Electronic Co.,Ltd]
홈페이지  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

LM317L 데이터시트(HTML) 1 Page - Tiger Electronic Co.,Ltd

  LM317L Datasheet HTML 1Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 2Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 3Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 4Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 5Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 6Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 7Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 8Page - Tiger Electronic Co.,Ltd LM317L Datasheet HTML 9Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1/14
3-TERMINAL ADJUSTABLE REGULATOR
LM317L / LM317LF
DESCRIPTION
The LM 317 is an adjustable 3-terminal positive voltage regulator capable of
supply i ng 100mA over a 1.2V to 37V output range. It is exceptionally easy to use and
requires only two external resistors to set the output voltage. Further, it employ s
internal current limiting, therma l shutdown and safe area comp ensation, ma king it
essentially blow-out proof. Also, the LM 317 is available packaged in a standard
TO-92 transistor package which is easy to use.
The LM 317 serves a wide variety of applications including local, on card
regulation. This device can also be used to ma ke a programma ble output regulator, or
by connecting a fixed resistor between the adjustment and output, the LM 317 can be
used as a precision current regulator.
FEATURES
PIN CONNECTION
Adjustable output down to 1.2V
Guaranteed 100 mA output current
Line regulation ty pically 0.01%/V
Load regulation ty pically 0.1%
Current limit constant with temp erature
Eliminates the need to stock ma ny voltages
80 dB ripple rejection
Output is short circuit protected
TIGER ELECTRONIC CO.,LTD
LM317L
LM317LF


유사한 부품 번호 - LM317L

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM317L NSC-LM317L Datasheet
442Kb / 17P
3-Terminal Adjustable Regulator
logo
ON Semiconductor
LM317L ONSEMI-LM317L Datasheet
184Kb / 12P
LOW CURRENT THREE-TERMINAL ADJUSTABLE POSITIVE VOLTAGE REGULATOR
1996 Rev 1
logo
STMicroelectronics
LM317L STMICROELECTRONICS-LM317L Datasheet
130Kb / 8P
LOW CURRENT 1.2V TO 37V ADJUSTABLE VOLTAGE REGULATOR
LM317L STMICROELECTRONICS-LM317L Datasheet
250Kb / 10P
LOW CURRENT 1.2 TO 37V ADJUSTABLE VOLTAGE REGULATOR
February 2003
logo
Texas Instruments
LM317L TI-LM317L Datasheet
278Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
More results

유사한 설명 - LM317L

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M5237L MITSUBISHI-M5237L Datasheet
165Kb / 6P
3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
3-Terminal Adjustable Regulator
LM337L NSC-LM337L Datasheet
89Kb / 5P
3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
3-TERMINAL ADJUSTABLE REGULATOR
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
3-TERMINAL ADJUSTABLE REGULATOR
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com