전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CL220 데이터시트(PDF) 6 Page - Supertex, Inc

부품명 CL220
상세설명  Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SUTEX [Supertex, Inc]
홈페이지  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL220 데이터시트(HTML) 6 Page - Supertex, Inc

  CL220 Datasheet HTML 1Page - Supertex, Inc CL220 Datasheet HTML 2Page - Supertex, Inc CL220 Datasheet HTML 3Page - Supertex, Inc CL220 Datasheet HTML 4Page - Supertex, Inc CL220 Datasheet HTML 5Page - Supertex, Inc CL220 Datasheet HTML 6Page - Supertex, Inc CL220 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
CL220
Supertex inc.
1235 Bordeaux Drive, Sunnyvale, CA 94089
Tel: 408-222-8888
www.supertex.com
3-Lead TO-252 (D-PAK) Package Outline (K4)
Note:
1.
Although 4 terminal locations are shown, only 3 are functional. Lead number 2 was removed.
12
3
4
L4
L5
b
b2
e
D1
E1
L1
L
Seating
Plane
A1
Gauge
Plane
θ
D
E
View B
Front View
Side View
Rear View
View B
θ1
H
c2
A
L3
L2
b3
Note 1
Symbol
A
A1
b
b2
b3
c2
D
D1
E
E1
e
H
L
L1
L2
L3
L4
L5
θ
θ1
Dimen-
sion
(inches)
MIN
.086
.000*
.025
.030
.195
.018
.235
.205
.250
.170
.090
BSC
.370
.055
.108
REF
.020
BSC
.035
.025*
.035
0O
0O
NOM
-
-
-
-
-
-
.240
-
-
-
-
.060
-
-
-
-
-
MAX
.094
.005
.035
.045
.215
.035
.245
.217*
.265
.200*
.410
.070
.050
.040
.060
10O
15O
JEDEC Registration TO-252, Variation AA, Issue E, June 2004.
* This dimension is not specified in the JEDEC drawing.
† This dimension differs from the JEDEC drawing.
Drawings not to scale.
Supertex Doc. #: DSPD-3TO252K4, Version F040910.



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com