전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

BD9104FVM 데이터시트(PDF) 28 Page - Rohm

부품명 BD9104FVM
상세설명  4.0V(or 4.5V) to 5.5V, 0.8A 1ch Synchronous Buck Converter Integrated FET
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ROHM [Rohm]
홈페이지  http://www.rohm.com
Logo ROHM - Rohm

BD9104FVM 데이터시트(HTML) 28 Page - Rohm

Back Button BD9104FVM Datasheet HTML 21Page - Rohm BD9104FVM Datasheet HTML 22Page - Rohm BD9104FVM Datasheet HTML 23Page - Rohm BD9104FVM Datasheet HTML 24Page - Rohm BD9104FVM Datasheet HTML 25Page - Rohm BD9104FVM Datasheet HTML 26Page - Rohm BD9104FVM Datasheet HTML 27Page - Rohm BD9104FVM Datasheet HTML 28Page - Rohm BD9104FVM Datasheet HTML 29Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 28 / 29 page
background image
Datasheet
Datasheet
Notice - Rev.001
Notice
●
Precaution for circuit design
1) The products are designed and produced for application in ordinary electronic equipment (AV equipment, OA
equipment, telecommunication equipment, home appliances, amusement equipment, etc.). If the products are to be
used in devices requiring extremely high reliability (medical equipment, transport equipment, aircraft/spacecraft,
nuclear power controllers, fuel controllers, car equipment including car accessories, safety devices, etc.) and whose
malfunction or operational error may endanger human life and sufficient fail-safe measures, please consult with the
ROHM sales staff in advance. If product malfunctions may result in serious damage, including that to human life,
sufficient fail-safe measures must be taken, including the following:
[a] Installation of protection circuits or other protective devices to improve system safety
[b] Installation of redundant circuits in the case of single-circuit failure
2) The products are designed for use in a standard environment and not in any special environments. Application of the
products in a special environment can deteriorate product performance. Accordingly, verification and confirmation of
product performance, prior to use, is recommended if used under the following conditions:
[a] Use in various types of liquid, including water, oils, chemicals, and organic solvents
[b] Use outdoors where the products are exposed to direct sunlight, or in dusty places
[c] Use in places where the products are exposed to sea winds or corrosive gases, including Cl2, H2S, NH3, SO2,
and NO2
[d] Use in places where the products are exposed to static electricity or electromagnetic waves
[e] Use in proximity to heat-producing components, plastic cords, or other flammable items
[f]
Use involving sealing or coating the products with resin or other coating materials
[g] Use involving unclean solder or use of water or water-soluble cleaning agents for cleaning after soldering
[h] Use of the products in places subject to dew condensation
3) The products are not radiation resistant.
4) Verification and confirmation of performance characteristics of products, after on-board mounting, is advised.
5) In particular, if a transient load (a large amount of load applied in a short period of time, such as pulse) is applied,
confirmation of performance characteristics after on-board mounting is strongly recommended. Avoid applying power
exceeding normal rated power; exceeding the power rating under steady-state loading condition may negatively affect
product performance and reliability.
6) De-rate Power Dissipation (Pd) depending on Ambient temperature (Ta).
When used in sealed area, confirm the actual ambient temperature.
7) Confirm that operation temperature is within the specified range described in product specification.
8) Failure induced under deviant condition from what defined in the product specification cannot be guaranteed.
●
Precaution for Mounting / Circuit board design
1) When a highly active halogenous (chlorine, bromine, etc.) flux is used, the remainder of flux may negatively affect
product performance and reliability.
2) In principle, the reflow soldering method must be used; if flow soldering method is preferred, please consult with the
Company in advance.
Regarding Precaution for Mounting / Circuit board design, please specially refer to ROHM Mounting specification
●
Precautions Regarding Application Examples and External Circuits
1) If change is made to the constant of an external circuit, allow a sufficient margin due to variations of the characteristics
of the products and external components, including transient characteristics, as well as static characteristics.
2) The application examples, their constants, and other types of information contained herein are applicable only when
the products are used in accordance with standard methods. Therefore, if mass production is intended, sufficient
consideration to external conditions must be made.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29