전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSL2101 데이터시트(PDF) 15 Page - NXP Semiconductors

부품명 SSL2101
상세설명  Dimmable GreenChip driver for LED lighting
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PHILIPS [NXP Semiconductors]
홈페이지  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SSL2101 데이터시트(HTML) 15 Page - NXP Semiconductors

Back Button SSL2101_11 Datasheet HTML 11Page - NXP Semiconductors SSL2101_11 Datasheet HTML 12Page - NXP Semiconductors SSL2101_11 Datasheet HTML 13Page - NXP Semiconductors SSL2101_11 Datasheet HTML 14Page - NXP Semiconductors SSL2101_11 Datasheet HTML 15Page - NXP Semiconductors SSL2101_11 Datasheet HTML 16Page - NXP Semiconductors SSL2101_11 Datasheet HTML 17Page - NXP Semiconductors SSL2101_11 Datasheet HTML 18Page - NXP Semiconductors SSL2101_11 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
SSL2101
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 4.1 — 5 December 2011
15 of 23
NXP Semiconductors
SSL2101
Dimmable Greenchip driver for LED lighting
[1]
Voltage change in time for valley recognition.
tf(DRAIN)
fall time on pin
DRAIN
input voltage: 300 V;
no external capacitor at
drain
-75
-
ns
Temperature protection
Totp
overtemperature
protection trip
junction temperature
150
160
170
C
Totp(hys)
overtemperature
protection trip
hysteresis
junction temperature
-
2
-
C
Fig 9.
Typical frequency as a function of voltage on pin BRIGHTNESS
Table 6:
Characteristics …continued
Tamb =25 C; no overtemperature; all voltages are measured with respect to ground; currents are
positive when flowing into the IC and PWMLIMIT and BRIGHTNESS pins are disconnected unless
otherwise specified. Typical frequency 100 kHz.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VBRIGHTNESS (V)
0
3
2
1
014aaa664
40
60
20
80
100
fosc
(kHz)
0
fmax
fmin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com