전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CEN-U07 데이터시트(PDF) 1 Page - Central Semiconductor Corp

부품명 CEN-U07
상세설명  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CENTRAL [Central Semiconductor Corp]
홈페이지  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CEN-U07 데이터시트(HTML) 1 Page - Central Semiconductor Corp

  CEN-U07 Datasheet HTML 1Page - Central Semiconductor Corp CEN-U07 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CEN-U05 CEN-U06 CEN-U07 NPN
CEN-U55 CEN-U56 CEN-U57 PNP
COMPLEMENTARY SILICON
POWER TRANSISTORS
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CEN-U05/U55
series types are complementary silicon power
transistors designed for general purpose audio amplifier
applications. These devices are electrically equivalent to
National Semiconductor’s NSDU05, NSDU06, NSDU07,
NSDU55, NSDU56, and NSDU57.
MARKING: FULL PART NUMBER
CEN-U05
CEN-U06
CEN-U07
MAXIMUM RATINGS: (TC=25°C)
SYMBOL
CEN-U55
CEN-U56
CEN-U57
UNITS
Collector-Base Voltage
VCBO
60
80
100
V
Collector-Emitter Voltage
VCEO
60
80
100
V
Emitter-Base Voltage
VEBO
4.0
V
Continuous Collector Current
IC
2.0
A
Power Dissipation
PD
10
W
Power Dissipation (TA=25°C)
PD
1.75
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
71.4
°C/W
Thermal Resistance
ΘJC
12.5
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICBO
VCB=Rated VCBO
0.1
μA
IEBO
VEB=4.0V
100
μA
BVCEO
IC=1.0mA (CEN-U05, CEN-U55)
60
V
BVCEO
IC=1.0mA (CEN-U06, CEN-U56)
80
V
BVCEO
IC=1.0mA (CEN-U07, CEN-U57)
100
V
VCE(SAT)
IC=250mA, IB=10mA
0.5
V
VCE(SAT)
IC=250mA, IB=25mA
0.35
V
VBE(ON)
VCE=1.0V, IC=250mA
1.2
V
hFE
VCE=1.0V, IC=50mA
80
hFE
VCE=1.0V, IC=250mA
50
hFE
VCE=1.0V, IC=500mA
20
fT
VCE=5.0V, IC=200mA, f=100MHz
50
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
30
pF
APPLICATIONS:
• Designed for general purpose high
voltage amplifiers and drivers
FEATURES:
• High Collector-Emitter breakdown voltage
• High 10W power dissipation
TO-202 CASE
R2 (20-January 2012)
www.centr a lsemi.com


유사한 부품 번호 - CEN-U07

제조업체부품명데이터시트상세설명
logo
Central Semiconductor C...
CEN-U07 CENTRAL-CEN-U07 Datasheet
53Kb / 1P
SILICON COMPLEMENTARY POWER TRANSISTORS
CEN-U07 CENTRAL-CEN-U07 Datasheet
53Kb / 1P
Power Transistors
More results

유사한 설명 - CEN-U07

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
D44E MOTOROLA-D44E Datasheet
84Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Seme LAB
2N6299SMD SEME-LAB-2N6299SMD Datasheet
33Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
New Jersey Semi-Conduct...
2N5871 NJSEMI-2N5871 Datasheet
253Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N5879 NJSEMI-2N5879 Datasheet
171Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP3055G ONSEMI-TIP3055G Datasheet
114Kb / 6P
Complementary Silicon Power Transistors
May, 2012 ??Rev. 7
logo
Central Semiconductor C...
2N3055 CENTRAL-2N3055_15 Datasheet
493Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
2N4231A CENTRAL-2N4231A_15 Datasheet
344Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
TIP35 CENTRAL-TIP35_15 Datasheet
445Kb / 2P
COMPLEMENTARY SILICON POWER TRANSISTORS
logo
ON Semiconductor
D44H ONSEMI-D44H Datasheet
102Kb / 5P
Complementary Silicon Power Transistors
November, 2014 ??Rev. 13
logo
New Jersey Semi-Conduct...
D44H NJSEMI-D44H Datasheet
91Kb / 1P
COMPLEMENTARY SILICON POWER TRANSISTORS
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com