전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AD7608 데이터시트(PDF) 31 Page - Analog Devices

부품명 AD7608
상세설명  8-Channel DAS with 18-Bit, Bipolar, Simultaneous Sampling ADC
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AD [Analog Devices]
홈페이지  http://www.analog.com
Logo AD - Analog Devices

AD7608 데이터시트(HTML) 31 Page - Analog Devices

Back Button AD7608 Datasheet HTML 24Page - Analog Devices AD7608 Datasheet HTML 25Page - Analog Devices AD7608 Datasheet HTML 26Page - Analog Devices AD7608 Datasheet HTML 27Page - Analog Devices AD7608 Datasheet HTML 28Page - Analog Devices AD7608 Datasheet HTML 29Page - Analog Devices AD7608 Datasheet HTML 30Page - Analog Devices AD7608 Datasheet HTML 31Page - Analog Devices AD7608 Datasheet HTML 32Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 31 / 32 page
background image
Data Sheet
AD7608
Rev. A | Page 31 of 32
To ensure good device-to-device performance matching, in a
system that contains multiple AD7608 devices, a symmetrical
layout between the AD7608 devices is important.
Figure 61 shows a layout with two devices. The AVCC supply
plane runs to the right of both devices. The VDRIVE supply
track runs to the left of the two devices. The reference chip
is positioned between both the two devices and the reference
voltage track runs north to Pin 42 of U1 and south to Pin 42
to U2. A solid ground plane is used.
These symmetrical layout principles can be applied to a system
that contains more than two AD7608 devices. The AD7608
devices can be placed in a north-south direction with the reference
voltage located midway between the AD7608 devices with the
reference track running in the north-south direction similar to
Figure 61.
AVCC
U2
U1
U2
U1
Figure 61. Layout for Multiple AD7608 Devices—Top Layer and
Supply Plane Layer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32