| 전자부품 데이터시트 검색엔진 |
|
HT45F43 데이터시트(PDF) 62 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT45F43 데이터시트(HTML) 62 Page - Holtek Semiconductor Inc |
|
62 / 152 page ![]() Rev. 1.20 62 September 15, 2011 HT45F23/HT45F43 8-Bit Flash MCU with Op Amps & Comparators T 0 O N P r e l o a d R e g i s t e r T i m e r / E v e n t C o u n t e r D a t a B u s R e l o a d O v e r f l o w t o I n t e r r u p t 2 8 - B i t T i m e r / E v e n t C o u n t e r P F D 0 ¸ T i m e r / E v e n t C o u n t e r M o d e C o n t r o l 7 - s t a g e P r e s c a l e r T 0 P S C 2 ~ T 0 P S C 0 ( 1 / 1 ~ 1 / 1 2 8 ) T 0 M 1 T 0 M 0 f S Y S T C 0 T 0 E F i l t e r F i l t e r O n / O f f C o n f i g u r a t i o n o p t i o n M U X C M P 1 O P T 0 M 0 8-bit Timer/Event Counter 0 Structure 1 6 - B i t P r e l o a d R e g i s t e r D a t a B u s R e l o a d O v e r f l o w t o I n t e r r u p t L o w B y t e B u f f e r T 1 O N H i g h B y t e L o w B y t e 1 6 - B i t T i m e r / E v e n t C o u n t e r P F D 1 2 ¸ T C 1 T 1 E T i m e r / E v e n t C o u n t e r M o d e C o n t r o l T 1 M 1 T 1 M 0 T 1 S M U X f S Y S / 4 M U X f S U B L X T L I R C C o n f i g u r a t i o n O p t i o n F i l t e r F i l t e r O n / O f f C o n f i g u r a t i o n o p t i o n M U X C M P 2 O P T 1 M 0 16-bit Timer/Event Counter 1 Structure Note 1. The PFD clock source, PFD0 or PFD1, which is from Timer0 or Timer1, is selected by PFDSEL bit in MISC register. 2. The output is controlled by PA5 data. M U X P F D 0 P F D 1 P F D S E L P F D P A 5 D a t a |