전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HT66F03T3 데이터시트(PDF) 1 Page - Holtek Semiconductor Inc

부품명 HT66F03T3
상세설명  8-Bit Flash MCU with RF Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HOLTEK [Holtek Semiconductor Inc]
홈페이지  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT66F03T3 데이터시트(HTML) 1 Page - Holtek Semiconductor Inc

  HT66F03T3 Datasheet HTML 1Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 2Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 3Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 4Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 5Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 6Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 7Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 8Page - Holtek Semiconductor Inc HT66F03T3 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Features
MCU Features
· MCU operating voltage with RF Transmitter:
fSYS= 8MHz: 2.2V~3.6V
fSYS= 12MHz: 2.7V~3.6V
· Up to 0.33
ms instruction cycle with 12MHz system clock
· Power Down and Wake-up functions to reduce power consumption
· Five oscillators:
- External High Speed Xtal
- External 32.768kHz Xtal
- External RC
- Internal High Speed - no external components
- Internal 32kHz - no external components
· Multi-mode operation: NORMAL, SLOW, IDLE and SLEEP
· Fully integrated internal 4MHz, 8MHz and 12MHz Oscillator
· All instructions executed in one or two instruction cycles
· Table read instructions
· 63 powerful instructions
· Up to 4 subroutine nesting levels
· Bit manipulation instruction
· Flash Program Memory: 1K
´14
· RAM Data Memory: 64
´8
· EEPROM Memory: 64
´8
· Watchdog Timer function
· Up to 8 bidirectional I/O lines
· External interrupt pin shared with I/O pin
· Multiple Timer Modules for time measure, input capture, compare match output, PWM output or
single pulse output functions
· Comparator function
· Dual Time-Base functions for generation of fixed time interrupt signal
· Low voltage reset function
· Low voltage detect function
· Multi-channel 12-bit resolution A/D converter
· Package type: 16-pin NSOP
RF Transmitter Features
· Complete UHF ASK/OOK transmitter
· Frequency range 300MHz to 450MHz
· Data rates more than 10k bps
· Output Power up to 10dBm
· Low voltage operation - down to 2.2V
· Data tracking function for power saving
· Reference clock output for MCU IRC clock synchronisation
HT66F03T3/HT68F03T3
8-Bit Flash MCU with RF Transmitter
Rev. 1.30
1
July 4, 2011


유사한 부품 번호 - HT66F03T3

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT66F03 HOLTEK-HT66F03 Datasheet
1Mb / 139P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03 HOLTEK-HT66F03 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03C HOLTEK-HT66F03C Datasheet
1Mb / 142P
8-Pin Enhanced Flash Type 8-Bit MCU with EEPROM
HT66F03M HOLTEK-HT66F03M Datasheet
125Kb / 13P
1.5V Battery Flash Type 8-Bit MCU with EEPROM & DC-DC Converter
HT66F03 HOLTEK-HT66F03_11 Datasheet
2Mb / 147P
Small Package Enhanced Flash Type 8-Bit MCU with EEPROM
More results

유사한 설명 - HT66F03T3

제조업체부품명데이터시트상세설명
logo
Holtek Semiconductor In...
HT46R01T3 HOLTEK-HT46R01T3 Datasheet
153Kb / 16P
8-Bit OTP MCU with RF Transmitter
HT66F016 HOLTEK-HT66F016 Datasheet
1Mb / 116P
Enhanced Flash Type 8-Bit MCU with EEPROM
HT45F12 HOLTEK-HT45F12 Datasheet
4Mb / 104P
8-Bit Flash MCU with Op Amps & Comparators
HT45F23A HOLTEK-HT45F23A Datasheet
5Mb / 148P
8-Bit Flash MCU with Op Amps & Comparators
HT45F12 HOLTEK-HT45F12_12 Datasheet
4Mb / 103P
8-Bit Flash MCU with Op Amps & Comparators
HT66F30-1 HOLTEK-HT66F30-1 Datasheet
7Mb / 196P
Enhanced Flash Type 8-Bit MCU with EEPROM
January 17, 2013
4XR01T3V130 HOLTEK-4XR01T3V130 Datasheet
153Kb / 16P
8-Bit OTP MCU with RF Transmitter
HT45F0027 HOLTEK-HT45F0027 Datasheet
5Mb / 112P
PIR 8-Bit Flash MCU
January 21, 2016
BC68F2130 HOLTEK-BC68F2130 Datasheet
8Mb / 148P
Sub-1GHz RF Transmitter Flash MCU
BC68FB540 HOLTEK-BC68FB540 Datasheet
7Mb / 200P
I/O Flash USB 8-Bit MCU with 2.4GHz RF Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com