| 전자부품 데이터시트 검색엔진 |
|
HT67F50 데이터시트(PDF) 63 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT67F50 데이터시트(HTML) 63 Page - Holtek Semiconductor Inc |
|
63 / 242 page ![]() HT67F30/HT67F40/HT67F50/HT67F60 TinyPowerTM A/D Flash Type 8-Bit MCU with LCD & EEPROM Rev. 1.50 62 March 06 , 2012 Rev. 1.50 63 March 06 , 2012 System Oscillator FSTEN Bit Wake-up Time (SLEEP0 Mode) Wake-up Time (SLEEP1 Mode) Wake-up Time (IDLE0 Mode) Wake-up Time (IDLE1 Mode) HXT 0 1024 HXT cycles 1024 HXT cycles 1~2 HXT cycles 1 1024 HXT cycles 1~2 fSUB cycles (System runs with fSUB first for 1024 HXT cycles and then switches over to run with the HXT clock) 1~2 HXT cycles ERC X 15~16 ERC cycles 15~16 ERC cycles 1~2 ERC cycles EC X 15~16 EC cycles 15~16 EC cycles 1~2 EC cycles HIRC X 15~16 HIRC cycles 15~16 HIRC cycles 1~2 HIRC cycles LIRC X 1~2 LIRC cycles 1~2 LIRC cycles 1~2 LIRC cycles LXT X 1024 LTX cycles 1024 LXT cycles 1~2 LXT cycles Wake-Up Times Note that if the Watchdog Timer is disabled, which means that the LXT and LIRC are all both off, then there will be no Fast Wake-up function available when the device wakes-up from the SLEEP0 Mode. SL E EP0 HA LT i ns tr uc ti on i s ex ec ut ed f SYS of f CP U st op ID LE N= 0 f TB C of f f SU B of f WD T & L VD o ff NO RM AL f SYS =f H ~f H /6 4 f H o n CP U ru n f SYS o n f TB C o n f SU B o n ID LE 1 HA LT i ns tr uc ti on i s ex ec ut ed CP U st op ID LE N= 1 FS YS ON =1 f SYS o n f TB C o n f SU B on ID LE 0 HA LT i ns tr uc ti on i s ex ec ut ed CP U st op ID LE N= 1 FS YS ON =0 f SYS o ff f TB C o n f SU B o n SL OW f SYS =f L f L o n CP U ru n f SYS o n f TB C o n f SU B o n f H o ff SL E EP1 HA LT i ns tr uc ti on i s ex ec ut ed f SYS o ff CP U st op ID LE N= 0 f TB C o ff f SU B o n WD T or L VD o n |