전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA4402 데이터시트(PDF) 3 Page - Protek Devices

부품명 PA4402
상세설명  Click-Pop Suppression Device
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA4402 데이터시트(HTML) 3 Page - Protek Devices

  PA4402 Datasheet HTML 1Page - Protek Devices PA4402 Datasheet HTML 2Page - Protek Devices PA4402 Datasheet HTML 3Page - Protek Devices PA4402 Datasheet HTML 4Page - Protek Devices PA4402 Datasheet HTML 5Page - Protek Devices PA4402 Datasheet HTML 6Page - Protek Devices PA4402 Datasheet HTML 7Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
P
A
4
4
0
1
C
l
i
c
k
-
P
o
p
S
u
p
p
r
e
s
s
i
o
n
D
e
v
i
c
e
PA4402
Click-Pop Suppression Device
ANALOG PRODUCTS DIVISION
2929 S Fair Lane, Tempe, AZ, 85282 Tel: (602) 431-8101. Fax: (602) 431-2288
www.protekdevices.com
95026. Rev.2. 02/2012
NOT FOR USE IN LIFE SUPPORT SYSTEMS
Pre
Amp
+
+
Pre
Amp
Pre
Amp
+
+
Pre
Amp
IN
OUT
IN
OUT
VCC
PRODUCT DESCRIPTION
Figure 2 shows the normal setup of a Pre Amplifier system. Since the system is built on a single ended power supply the outputs
of the pre-amplifier need to be routed through a bypass capacitor to get rid of the DC bias.
Figure 2: Normal setup for a pre amplifier output
When the power supply to the system is turned ON there is a spike in the output of the system because of the charging of
various components in the system. This spike is called a “Click or Pop Noise”. When this click/pop noise passes through the
Power Amplifiers, the noise is amplified and listen
ers hear an audible ‘pop’ which causing undesired noise. The reverse
operation happens when the system is powering down. The connection diagram is shown in Figure 3. The Powering Up
sequence is shown in Figure 4 and the Powering Down sequence is shown in Figure 5. The audible POP noise heard can be
caused by the powering up/down of the pre amp and/or CODEC devices. The PA4402 placed at the final output stage can
suppress these noises.
CONNECTION DIAGRAM
The PA4402 will be placed after the pre-amplifier and before the output bypass capacitors.
Figure 3: Typical Connection Configuration for PA4402



Html Pages

1 2 3 4 5 6 7