전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PA5026P 데이터시트(PDF) 2 Page - Protek Devices

부품명 PA5026P
상세설명  16-Bit Constant Current LED Sink Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PA5026P 데이터시트(HTML) 2 Page - Protek Devices

  PA5026P Datasheet HTML 1Page - Protek Devices PA5026P Datasheet HTML 2Page - Protek Devices PA5026P Datasheet HTML 3Page - Protek Devices PA5026P Datasheet HTML 4Page - Protek Devices PA5026P Datasheet HTML 5Page - Protek Devices PA5026P Datasheet HTML 6Page - Protek Devices PA5026P Datasheet HTML 7Page - Protek Devices PA5026P Datasheet HTML 8Page - Protek Devices PA5026P Datasheet HTML 9Page - Protek Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PA5026
16-Bit
Constant Current LED Sink Driver
ANALOG PRODUCTS DIVISION
561 E Elliot Road.#175 Chandler, AZ 85225 Tel: (480)539-2900. Fax: (480)632-1715.
2
www.protekanalog.com
Not for use in any life support systems.
95180. Rev.2. 09/09
PIN CONFIGURATIONS
PA5026P (SSOP-24-300-1.0)
PA5026S (SSOP-24-150-0.635)
PA5026QN (QFN-24)
AND
PA5026R (SSOP-24-150-0.635)
PIN DESCRIPTIONS
Pin Number
Pin Name
Description
PA5026QN
PA5026P
PA5026R
PA5026S
22
1
7
GND
Ground
23
2
8
SDI
Shift register Data Input Pin
24
3
9
CLK
Shift Register Clock Input Pin,
1
4
10
LATCH ENABLE
Data Strobe Input Pin,
2~9
5~12
11~18
OUT0~OUT7
10~15
13~18
19~24
OUT8~OUT13
16~17
19~20
1~2
OUT14~OUT15
Output Port
18
21
3
OE
Output Enable
19
22
4
SDO
Shift Register Data Output Pin
20
23
5
R-EXT
External Resistor Input Port
21
24
6
VDD
Power Supply
2
3
4
5
1
7
8
9
10
11
12
6
23
22
21
20
24
18
17
16
15
14
13
19
GND
SDI
CLK
LE
OUT 0
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
OUT 9
OUT 10
OUT 11
OUT 12
OUT 13
OUT 14
OUT 15
OE
SDO
R-EXT
VDD
2
3
4
5
1
7
8
9
10
11
12
6
23
22
21
20
24
18
17
16
15
14
13
19
OUT 14
OUT 15
OE
SDO
R-EXT
VDD
GND
SDI
CLK
LATCH
OUT 0
OUT 1
OUT 2
OUT 3
OUT 4
OUT 5
OUT 6
OUT 7
OUT 8
OUT 9
OUT 10
OUT 11
OUT 12
OUT 13
1
2
3
4
5
6
18
17
16
15
14
13
LE
OUT0
OUT1
OUT11
OUT12
OUT13
OUT14
OUT15
OE
PAD
OUT2
OUT3
OUT4



Html Pages

1 2 3 4 5 6 7 8 9 10