전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

PAM02SD2312C 데이터시트(PDF) 4 Page - Protek Devices

부품명 PAM02SD2312C
상세설명  ultra LOW CAPACITANCE TVS ARRAY
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PROTEC [Protek Devices]
홈페이지  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PAM02SD2312C 데이터시트(HTML) 4 Page - Protek Devices

  PAM02SD2312C Datasheet HTML 1Page - Protek Devices PAM02SD2312C Datasheet HTML 2Page - Protek Devices PAM02SD2312C Datasheet HTML 3Page - Protek Devices PAM02SD2312C Datasheet HTML 4Page - Protek Devices PAM02SD2312C Datasheet HTML 5Page - Protek Devices PAM02SD2312C Datasheet HTML 6Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Only One Name Means ProTek’Tion™
www.protekdevices.com
05346.R0 12/11
Page 4
PAM02SD2312C
SOD-323 PACkAgE INFORMAtION
OutlINE DIMENSIONS
DIM
MIllIMEtERS
INChES
MIN
MAX
MIN
MAX
A
1.60
1.90
0.063
0.075
B
1.15
1.45
0.045
0.057
C
2.39
2.70
0.094
0.106
D
0.80
1.10
0.031
0.043
E
0.25
0.40
0.010
0.016
F
0.10
0.20
0.004
0.008
H
-
0.10
-
0.004
L
0.20
-
0.008
-
NOtES
1. Controlling dimension: millimeters.
2. Dimensioning and tolerances per ANSI Y14.5M, 1985.
3. Dimensions are exclusive of mold flash and metal burrs.
PAD lAYOut DIMENSIONS
DIM
MIllIMEtERS
INChES
MIN
MAX
MIN
MAX
A
2.87
3.12
0.113
0.123
B
0.66
0.91
0.026
0.036
C
0.66
0.91
0.026
0.036
NOtES
1. Controlling dimension: millimeters.
A
C
E
B
F
L
D
H
A
B
C



Html Pages

1 2 3 4 5 6