전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KRC117 데이터시트(PDF) 2 Page - KEC(Korea Electronics)

부품명 KRC117
상세설명  EPITAXIAL PLANAR NPN TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  KEC [KEC(Korea Electronics)]
홈페이지  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KRC117 데이터시트(HTML) 2 Page - KEC(Korea Electronics)

  KRC117 Datasheet HTML 1Page - KEC(Korea Electronics) KRC117 Datasheet HTML 2Page - KEC(Korea Electronics) KRC117 Datasheet HTML 3Page - KEC(Korea Electronics) KRC117 Datasheet HTML 4Page - KEC(Korea Electronics) KRC117 Datasheet HTML 5Page - KEC(Korea Electronics) KRC117 Datasheet HTML 6Page - KEC(Korea Electronics) KRC117 Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2011. 6. 14
2/7
KRC116~KRC122
Revision No : 1
Note : * Characteristic of Transistor Only.
ELECTRICAL CHARACTERISTICS (Ta=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
KRC116
~122
IO(OFF)
VO=50V, VI=0
-
-
500
nA
DC Current Gain
KRC116
GI
VO=5V, IO=5mA
33
-
-
KRC117
VO=5V, IO=20mA
20
-
-
KRC118
VO=5V, IO=10mA
33
-
-
KRC119
VO=5V, IO=10mA
30
-
-
KRC120
VO=5V, IO=10mA
24
-
-
KRC121
VO=5V, IO=5mA
33
-
-
KRC122
VO=5V, IO=5mA
62
-
-
Output Voltage
KRC116
VO(ON)
IO=10mA, II=0.5mA
-
-
0.3
V
KRC117
IO=10mA, II=0.5mA
-
0.1
0.3
KRC118
IO=10mA, II=0.5mA
-
-
0.3
KRC119
IO=10mA, II=0.5mA
-
0.1
0.3
KRC120
IO=10mA, II=0.5mA
-
0.1
0.3
KRC121
IO=10mA, II=0.5mA
-
0.1
0.3
KRC122
IO=5mA, II=0.25mA
-
0.1
0.3
Input Voltage (ON)
KRC116
VI(ON)
VO=0.3V, IO=20mA
-
0.98
3
V
KRC117
VO=0.3V, IO=20mA
-
1.83
3
KRC118
VO=0.3V, IO=20mA
-
1.22
3
KRC119
VO=0.3V, IO=20mA
-
1.76
2.5
KRC120
VO=0.3V, IO=2mA
-
2
3
KRC121
VO=0.3V, IO=2mA
-
3.9
5
KRC122
VO=0.3V, IO=1mA
-
1.64
3
Input Voltage (OFF)
KRC116
VI(OFF)
VCC=5V, IO=100μA
0.3
0.63
-
V
KRC117
0.5
1.15
-
KRC118
0.3
0.67
-
KRC119
0.3
0.82
-
KRC120
0.8
1.68
-
KRC121
1
3.09
-
KRC122
0.5
1.17
-
Transition Frequency
KRC116
~122
fT*
VO=10V, IO=5mA
-
250
-
MHz
Input Current
KRC116
II
VI=5V
-
-
7.2
mA
KRC117
-
-
3.8
KRC118
-
-
3.8
KRC119
-
-
1.8
KRC120
-
-
0.88
KRC121
-
-
0.16
KRC122
-
-
0.15
Input Resistor
KRC116
R1
-
0.7
1
1.3
k
Ω
KRC117
1.54
2.2
2.86
KRC118
1.54
2.2
2.86
KRC119
3.29
4.7
6.11
KRC120
7
10
13
KRC121
32.9
47
61.1
KRC122
70
100
130



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com