전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WFF830 데이터시트(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

부품명 WFF830
상세설명  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
홈페이지  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFF830 데이터시트(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFF830 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFF830 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WF
WF
WF
WFF
F
F
F830
830
830
830
Rev.A Nov.2010
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
■ 4.5A,500V,RDS(on)(Max 1.5Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 32nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General Description
This Power MOSFET is produced using Winsemi ’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. This devices is specially well
suited for high efficiency switch model power supplies, power factor
correction and half bridge and full bridge resonant topology line a
electronic lamp ballast.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25℃)
4.5*
A
Continuous Drain Current(@Tc=100℃)
2.9*
A
IDM
Drain Current Pulsed
(Note1)
18*
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Total Power Dissipation(@Tc=25℃)
38
W
Derating Factor above 25℃
0.3
W/℃
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
*Drain current limited by maximum junction temperature
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance, Junction-to-Case
-
-
3.3
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
62.5
℃/W


유사한 부품 번호 - WFF830

제조업체부품명데이터시트상세설명
logo
Wisdom technologies Int...
WFF830 WISDOM-WFF830 Datasheet
830Kb / 7P
N-Channel MOSFET
More results

유사한 설명 - WFF830

제조업체부품명데이터시트상세설명
logo
Guangdong Kexin Industr...
2SK2211 KEXIN-2SK2211 Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK1880S KEXIN-2SK1880S Datasheet
44Kb / 1P
Silicon N-Channel MOSFET
2SK2503 KEXIN-2SK2503 Datasheet
43Kb / 1P
Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WFF10N60 WINSEMI-WFF10N60 Datasheet
705Kb / 7P
Silicon N-Channel MOSFET
WFF9N50 WINSEMI-WFF9N50 Datasheet
1Mb / 7P
Silicon N-Channel MOSFET
WFF8N65B WINSEMI-WFF8N65B Datasheet
711Kb / 7P
Silicon N-Channel MOSFET
WFD830B WINSEMI-WFD830B Datasheet
434Kb / 7P
Silicon N-Channel MOSFET
WFD4N60B WINSEMI-WFD4N60B Datasheet
510Kb / 7P
Silicon N-Channel MOSFET
WFD2N60B WINSEMI-WFD2N60B Datasheet
557Kb / 7P
Silicon N-Channel MOSFET
SFP50N06 WINSEMI-SFP50N06 Datasheet
486Kb / 7P
Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com