전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

WFP630 데이터시트(PDF) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

부품명 WFP630
상세설명  Silicon N-Channel MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
홈페이지  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFP630 데이터시트(HTML) 2 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFP630 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP630 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP630 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP630 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP630 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP630 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFP630 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2/7
Steady,
Steady,
Steady,
Steady, keep
keep
keep
keep you
you
you
you advance
advance
advance
advance
E
E
E
Ellllec
ec
ec
ecttttrrrriiiical
cal
cal
cal Ch
Ch
Ch
Cha
a
a
arrrrac
ac
ac
actttte
e
e
errrriiiis
s
s
sttttiiiics
cs
cs
cs ((((T
T
T
Tc
c
c
c =
=
=
= 25
25
25
25°°°°C
C
C
C))))
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Gate leakage current
IGSS
VGS = ±30 V, VDS = 0 V
-
-
±100
nA
Gate−source breakdown voltage
V(BR)GSS
IG = ±10 μA, VDS = 0 V
±30
-
-
V
Drain cut−off current
IDSS
VDS = 200 V, VGS = 0 V
-
-
10
μA
Drain−source breakdown voltage
V(BR)DSS
ID = 250 μA, VGS = 0 V
200
-
-
V
Break Voltage Temperature
Coefficient
ΔBVDSS/
ΔTJ
ID=250μA, Referenced to 25℃
-
0.2
-
V/
Gate threshold voltage
VGS(th)
VDS = 10 V, ID =250 μA
2
-
4
V
Drain−source ON resistance
RDS(ON)
VGS = 10 V, ID = 4.5A
-
-
0.4
Forward Transconductance
gfs
VDS = 50 V, ID = 4.5A
-
7.05
-
S
Input capacitance
Ciss
VDS = 25 V,
VGS = 0 V,
f = 1 MHz
-
500
720
pF
Reverse transfer capacitance
Crss
-
22
29
Output capacitance
Coss
-
85
110
Switching time
Rise time
tr
VDD =100 V,
ID = 9 A
RG=12 Ω
(Note4,5)
-
11
30
ns
Turn−on time
ton
-
70
150
Fall time
tf
-
60
130
Turn−off time
toff
-
65
140
Total gate charge (gate−source
plus gate−drain)
Qg
VDD = 160 V,
VGS = 10 V,
ID = 9 A
(Note4,5)
-
22
29
nC
Gate−source charge
Qgs
-
3.6
-
Gate−drain (“miller”) Charge
Qgd
-
10
-
Sou
Sou
Sou
Sourrrrc
c
c
ce
e
e
e−
−D
D
D
Drrrra
a
a
aiiiin
n
n
n R
R
R
Ra
a
a
atttting
ing
ing
ings
s
s
s a
a
a
an
n
n
nd
d
d
d Ch
Ch
Ch
Cha
a
a
arrrrac
ac
ac
actttte
e
e
errrriiiis
s
s
sttttiiiics
cs
cs
cs ((((T
T
T
Ta
a
a
a =
=
=
= 25
25
25
25°°°°C
C
C
C))))
Characteristics
Symbol
Test Condition
Min
Type
Max
Unit
Continuous drain reverse current
IDR
-
-
-
9
A
Pulse drain reverse current
IDRP
-
-
-
36
A
Forward voltage (diode)
VDSF
IDR = 9 A, VGS = 0 V
-
1.4
1.5
V
Reverse recovery time
trr
IDR = 9A, VGS = 0 V,
dIDR / dt = 100 A / μs
-
140
-
ns
Reverse recovery charge
Qrr
-
1.1
2.2
μC
Note 1.Repeativity rating :pulse width limited by junction temperature
2.L=500uH,IAS=9 A,VDD=50V,RG=0Ω,Starting TJ=25℃
3.ISD≤9A,di/dt≤300A/us, VDD<BVDSS,STARTING TJ=25℃
4.Pulse Test: Pulse Width≤300us,Duty Cycle≤2%
5.Essentially independent of operating temperature.
This transistor is an electrostatic sensitive device
Please handle with caution
WFP630
WFP630
WFP630
WFP630



Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com