| 전자부품 데이터시트 검색엔진 |
|
R5F64110NFB 데이터시트(PDF) 9 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
R5F64110NFB 데이터시트(HTML) 9 Page - Renesas Technology Corp |
|
9 / 108 page ![]() R01DS0062EJ0120 Rev.1.20 Page 9 of 99 Sep 26, 2011 R32C/111 Group 1. Overview Figure 1.1 Part Numbering Part Number R5 F 64 11 6 N XXX FB Package Code FB : PLQP0100KB-A FP : PLQP0080KB-A FN : PLQP0064KB-A LG : PTLG0100KA-A ROM Number Omitted in the flash memory version Memory Type F : Flash memory version R32C/111 Group R32C/100 Series ROM/RAM Capacity 0 : 256 KB/63 KB 1 : 384 KB/63 KB 2 : 512 KB/63 KB 4 : 256 KB/40 KB 5 : 384 KB/40 KB 6 : 512 KB/40 KB E : 128 KB/32 KB F : 256 KB/32 KB Temperature Code N : -20°C to 85°C D : -40°C to 85°C |