전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

R5F6411FNFP 데이터시트(PDF) 82 Page - Renesas Technology Corp

부품명 R5F6411FNFP
상세설명  RENESAS MCU
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  RENESAS [Renesas Technology Corp]
홈페이지  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F6411FNFP 데이터시트(HTML) 82 Page - Renesas Technology Corp

Back Button R5F6411FNFP Datasheet HTML 78Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 79Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 80Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 81Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 82Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 83Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 84Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 85Page - Renesas Technology Corp R5F6411FNFP Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 108 page
background image
R01DS0062EJ0120 Rev.1.20
Page 82 of 99
Sep 26, 2011
R32C/111 Group
5. Electrical Characteristics
VCC1 =VCC2 =3.3 V
Notes:
1.
Ports P0_4 to P0_7, P1_0 to P1_4, P3_4 to P3_7, and P9_5 to P9_7 are available in the 100- and
80-pin packages. Ports P4, P5, and P9_4 are available in the 100-pin package only.
2.
The VCC2 pin is available in the 100-pin package only. It should be considered as VCC1 in the 80-/64-
pin package.
Table 5.38
Electrical Characteristics (1/3) (VCC1 =VCC2 = 3.0 to 3.6 V, VSS =0V, Ta =Topr, and
f(CPU) = 50 MHz, unless otherwise noted)
Symbol
Characteristic
Measurement
Condition
Value (2)
Unit
Min.
Typ. Max.
VOH
High
level
output
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7
(1)
IOH = -1 mA
VCC2 -
0.6
VCC2 V
P6_0 to P6_7, P7_2 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_3 to P9_7, P10_0 to P10_7
(1)
IOH = -1 mA
VCC1 -
0.6
VCC1 V
VOL
Low
level
output
voltage
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_4,
P8_6, P8_7, P9_3 to P9_7, P10_0 to P10_7
(1)
IOL = 1 mA
0.5
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL



ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크 투 데이터시트    |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com